Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC970 Datasheet (PDF) - Hittite Microwave Corporation

HMC970 Datasheet PDF - Hittite Microwave Corporation
Part # HMC970
Download  HMC970 Download
File Size   447.33 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 2 WATT PIN MMIC HIGH ISOLATION SPDT SWITCH, 8 - 21 GHz

HMC970 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC970 Datasheet PDF - Hittite Microwave Corporation

Part # HMC970
Download  HMC970 Click to download

File Size   447.33 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 2 WATT PIN MMIC HIGH ISOLATION SPDT SWITCH, 8 - 21 GHz

HMC970 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC970

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC971 HITTITE-HMC971 Datasheet
407Kb / 6P
PIN MMIC HIGH ISOLATION SPDT SWITCH, 18 - 40 GHz
HMC972LP5E HITTITE-HMC972LP5E Datasheet
1Mb / 10P
GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 0.5 - 6.0 GHz
logo
Analog Devices
HMC973ALP3E AD-HMC973ALP3E Datasheet
1Mb / 8P
GaAs MMIC VOLTAGE VARIABLE ATTENUATOR, 0.5 - 5.0 GHz
logo
Hittite Microwave Corpo...
HMC973LP3 HITTITE-HMC973LP3 Datasheet
790Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.5 - 6.0 GHz
HMC973LP3E HITTITE-HMC973LP3E Datasheet
790Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.5 - 6.0 GHz
More results


Similar Description - HMC970

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP640R6-00 ALPHA-AP640R6-00 Datasheet
71Kb / 2P
24-31 GHz GaAs MMIC High Isolation SPDT Reflective PIN Switch
logo
Hittite Microwave Corpo...
HMC132G7 HITTITE-HMC132G7 Datasheet
64Kb / 4P
GAAS MMIC HIGH - ISOLATION SPDT SWITCH DC - 6 GHZ
HMC132C8 HITTITE-HMC132C8 Datasheet
74Kb / 6P
GaAS MMIC SMT HIGH-ISOLATION SPDT SWITCH DC - 8 GHZ
logo
Stanford Microdevices
SSW-124 STANFORD-SSW-124 Datasheet
164Kb / 3P
DC-6 GHz High Isolation SPDT GaAs MMIC Switch
logo
Hittite Microwave Corpo...
HMC607 HITTITE-HMC607 Datasheet
283Kb / 6P
GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
HMC132C8 HITTITE-HMC132C8_01 Datasheet
135Kb / 6P
GaAs MMIC SMT HIGH-ISOLATION SPDT SWITCH, DC - 8 GHz
HMC971 HITTITE-HMC971 Datasheet
407Kb / 6P
PIN MMIC HIGH ISOLATION SPDT SWITCH, 18 - 40 GHz
HMC234C8 HITTITE-HMC234C8_08 Datasheet
174Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8 GHz
HMC347C8 HITTITE-HMC347C8_08 Datasheet
178Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8 GHz
HMC975 HITTITE-HMC975 Datasheet
594Kb / 6P
PIN MMIC HIGH ISOLATION SPDT SWITCH, 2 - 50 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com