Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP640R6-00 Datasheet (PDF) - Alpha Industries

AP640R6-00 Datasheet PDF - Alpha Industries
Part # AP640R6-00
Download  AP640R6-00 Download
File Size   71.82 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 24-31 GHz GaAs MMIC High Isolation SPDT Reflective PIN Switch

AP640R6-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP640R6-00 Datasheet PDF - Alpha Industries

Part # AP640R6-00
Download  AP640R6-00 Click to download

File Size   71.82 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 24-31 GHz GaAs MMIC High Isolation SPDT Reflective PIN Switch

AP640R6-00 Datasheet (HTML) - Alpha Industries


AP640R6-00 Product details

Description
Alpha’s high isolation, single pole, double throw PIN diode switch is a robust, high performance switch. It is ideal for low loss, high isolation applications, particularly where high power handling is required.The chip uses Alpha’s proven PIN diode technology, and is based upon MBE layers for the highest uniformity and repeatability.The diodes employ surface passivation to ensure a rugged, reliable part with through-substrate via holes and gold-based backside metallization to facilitate an epoxy die attach process.
   
Features
■ Low Loss, < 1.2 dB
■ High Isolation, > 34 dB
■ Return Loss, < -12 dB
■ Fast Switching Speed, < 4 ns
■ High Power Handling, 37 dBm Peak,
    33 dBm CW
   




Similar Part No. - AP640R6-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP640R1-00 ALPHA-AP640R1-00 Datasheet
58Kb / 2P
18-40 GHz GaAs MMIC High Isolation SPST Reflective PIN Switch
AP640R5-00 ALPHA-AP640R5-00 Datasheet
66Kb / 2P
24-40 GHz GaAs MMIC SPDT Reflective PIN Switch
AP640R5-A3 ALPHA-AP640R5-A3 Datasheet
291Kb / 5P
23-34 GHz Surface Mount SPDT Switch
AP640R7-00 ALPHA-AP640R7-00 Datasheet
74Kb / 2P
24-35 GHz GaAs MMIC High Power SPDT Reflective PIN Switch
More results


Similar Description - AP640R6-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP640R1-00 ALPHA-AP640R1-00 Datasheet
58Kb / 2P
18-40 GHz GaAs MMIC High Isolation SPST Reflective PIN Switch
AP640R5-00 ALPHA-AP640R5-00 Datasheet
66Kb / 2P
24-40 GHz GaAs MMIC SPDT Reflective PIN Switch
AP640R7-00 ALPHA-AP640R7-00 Datasheet
74Kb / 2P
24-35 GHz GaAs MMIC High Power SPDT Reflective PIN Switch
logo
Agilent(Hewlett-Packard...
MGS-70008 HP-MGS-70008 Datasheet
53Kb / 5P
Reflective SPDT GaAs MMIC Switch
logo
Stanford Microdevices
SSW-224 STANFORD-SSW-224 Datasheet
162Kb / 3P
DC-6 GHZ HIGH ISOLATION SPDT GAAS MMIC SWITCH
SSW-108 STANFORD-SSW-108 Datasheet
83Kb / 2P
DC-4 GHz High Isolation GaAs MMIC SPDT Switch
SSW-208 STANFORD-SSW-208 Datasheet
79Kb / 2P
DC-4 GHz, High Isolation GaAs MMIC SPDT Switch
SSW-124 STANFORD-SSW-124 Datasheet
164Kb / 3P
DC-6 GHz High Isolation SPDT GaAs MMIC Switch
logo
Hittite Microwave Corpo...
HMC132G7 HITTITE-HMC132G7_01 Datasheet
85Kb / 4P
GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 6 GHz
HMC607 HITTITE-HMC607_09 Datasheet
214Kb / 6P
GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com