Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP640R1-00 Datasheet (PDF) - Alpha Industries

AP640R1-00 Datasheet PDF - Alpha Industries
Part # AP640R1-00
Download  AP640R1-00 Download
File Size   58.53 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 18-40 GHz GaAs MMIC High Isolation SPST Reflective PIN Switch

AP640R1-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP640R1-00 Datasheet PDF - Alpha Industries

Part # AP640R1-00
Download  AP640R1-00 Click to download

File Size   58.53 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 18-40 GHz GaAs MMIC High Isolation SPST Reflective PIN Switch

AP640R1-00 Datasheet (HTML) - Alpha Industries


AP640R1-00 Product details

Description
Alpha’s high isolation, single pole, single throw PIN diode switch is a robust, high performance switch. It is ideal for low loss, high isolation applications, particularly where broad bandwidths and high power handling is required. The chip uses Alpha’s proven PIN diode technology, and is based upon MBE layers for the highest uniformity and repeatability. The diodes employ surface passivation to ensure a rugged, reliable part with through-substrate via holes and gold-based backside metallization to facilitate an epoxy die attach process.

Features
■ Broad Bandwidth
■ Low Loss, < 1.3 dB
■ High Isolation, > 37 dB
■ Excellent Return Loss, < -13 dB
■ Fast Switching Speed, 4 ns
■ High Power Handling, 37 dBm Peak, 33 dBm CW




Similar Part No. - AP640R1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP640R5-00 ALPHA-AP640R5-00 Datasheet
66Kb / 2P
24-40 GHz GaAs MMIC SPDT Reflective PIN Switch
AP640R5-A3 ALPHA-AP640R5-A3 Datasheet
291Kb / 5P
23-34 GHz Surface Mount SPDT Switch
AP640R6-00 ALPHA-AP640R6-00 Datasheet
71Kb / 2P
24-31 GHz GaAs MMIC High Isolation SPDT Reflective PIN Switch
AP640R7-00 ALPHA-AP640R7-00 Datasheet
74Kb / 2P
24-35 GHz GaAs MMIC High Power SPDT Reflective PIN Switch
More results


Similar Description - AP640R1-00

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP640R5-00 ALPHA-AP640R5-00 Datasheet
66Kb / 2P
24-40 GHz GaAs MMIC SPDT Reflective PIN Switch
AP640R6-00 ALPHA-AP640R6-00 Datasheet
71Kb / 2P
24-31 GHz GaAs MMIC High Isolation SPDT Reflective PIN Switch
AP640R7-00 ALPHA-AP640R7-00 Datasheet
74Kb / 2P
24-35 GHz GaAs MMIC High Power SPDT Reflective PIN Switch
logo
Hittite Microwave Corpo...
HMC231G7 HITTITE-HMC231G7 Datasheet
172Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6.0 GHz
logo
Filtronic Compound Semi...
FMS2029 FILTRONIC-FMS2029 Datasheet
136Kb / 4P
DC-20 GHZ MMIC SPST NON-REFLECTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC231G7 HITTITE-HMC231G7_07 Datasheet
258Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6.0 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC971 HITTITE-HMC971 Datasheet
407Kb / 6P
PIN MMIC HIGH ISOLATION SPDT SWITCH, 18 - 40 GHz
HMC231G7 HITTITE-HMC231G7_08 Datasheet
186Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com