Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1691 Datasheet (PDF) - Renesas Technology Corp

2SD1691 Datasheet PDF - Renesas Technology Corp
Part # 2SD1691
Download  2SD1691 Download
File Size   237.21 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER TRANSISTOR

2SD1691 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1691 Datasheet PDF - Renesas Technology Corp

Part # 2SD1691
Download  2SD1691 Click to download

File Size   237.21 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SILICON POWER TRANSISTOR

2SD1691 Datasheet (HTML) - Renesas Technology Corp


2SD1691 Product details

FEATURES
• Large current capacity and low VCE(sat):
   IC(DC) = 5.0 A, IC(pulse) = 8.0 A
   VCE(sat) = 0.1 V TYP. (@IC = 2.0 A, IB = 0.2 A)
• Large power dissipation TO-126 type power transistor
   PT = 1.3 W (@Ta = 25°C), 20 W (@Tc = 25°C)
• Complementary transistor: 2SB1151




Similar Part No. - 2SD1691

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1691 NEC-2SD1691 Datasheet
150Kb / 2P
NPN SILICON POWER TRANSISTOR
logo
Unisonic Technologies
2SD1691 UTC-2SD1691 Datasheet
102Kb / 3P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
logo
Savantic, Inc.
2SD1691 SAVANTIC-2SD1691 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
Unisonic Technologies
2SD1691 UTC-2SD1691 Datasheet
250Kb / 4P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
logo
Tiger Electronic Co.,Lt...
2SD1691 TGS-2SD1691 Datasheet
59Kb / 1P
It is intented for use in power amplifier and switching applications.
More results


Similar Description - 2SD1691

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2331 NEC-2SC2331 Datasheet
265Kb / 6P
Silicon Power Transistor
2SC4342 NEC-2SC4342 Datasheet
56Kb / 8P
Silicon Power Transistor
logo
Comset Semiconductor
BDT82 COMSET-BDT82 Datasheet
359Kb / 3P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SA1385-Z RENESAS-2SA1385-Z Datasheet
796Kb / 6P
SILICON POWER TRANSISTOR
2SA1412-Z RENESAS-2SA1412-Z Datasheet
785Kb / 6P
SILICON POWER TRANSISTOR
2SA1744 RENESAS-2SA1744 Datasheet
269Kb / 8P
SILICON POWER TRANSISTOR
2SB1431 RENESAS-2SB1431 Datasheet
257Kb / 8P
SILICON POWER TRANSISTOR
2SC3632-Z RENESAS-2SC3632-Z Datasheet
895Kb / 7P
SILICON POWER TRANSISTOR
logo
Comset Semiconductor
2N3441 COMSET-2N3441 Datasheet
98Kb / 2P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SD1164-Z RENESAS-2SD1164-Z Datasheet
1Mb / 6P
SILICON POWER TRANSISTOR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com