Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1691 Datasheet (PDF) - NEC

2SD1691 Datasheet PDF - NEC
Part # 2SD1691
Download  2SD1691 Download
File Size   150.24 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON POWER TRANSISTOR

2SD1691 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1691 Datasheet PDF - NEC

Part # 2SD1691
Download  2SD1691 Click to download

File Size   150.24 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON POWER TRANSISTOR

2SD1691 Datasheet (HTML) - NEC


2SD1691 Product details

DESCRIPTION
The 2SD1691 is a low VCE(sat) transistor which has a large current capability and wide SOA.
It is suitable for DC-DC converter, or driver of solenoid or motor.

FEATURES
● Low Collector Saturation Voltage.
   VCE(sat) = 0.1 V TYP.(@IC/IB = 2.0 A/0.2 A)
● Large Current.
   IC(DC) = 5.0 A, IC(pulse) = 8.0 A
● High Total Power Dissipation : PT = 1.3 W
● Complementary to 2SB1151




Similar Part No. - 2SD1691

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1691 UTC-2SD1691 Datasheet
102Kb / 3P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
logo
Savantic, Inc.
2SD1691 SAVANTIC-2SD1691 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
Renesas Technology Corp
2SD1691 RENESAS-2SD1691 Datasheet
237Kb / 6P
SILICON POWER TRANSISTOR
logo
Unisonic Technologies
2SD1691 UTC-2SD1691 Datasheet
250Kb / 4P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
logo
Tiger Electronic Co.,Lt...
2SD1691 TGS-2SD1691 Datasheet
59Kb / 1P
It is intented for use in power amplifier and switching applications.
More results


Similar Description - 2SD1691

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com