Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP35CF Datasheet (PDF) - Kwang Myoung I.S. CO.,LTD

TIP35CF Datasheet PDF - Kwang Myoung I.S. CO.,LTD
Part # TIP35CF
Download  TIP35CF Download
File Size   5451.3 Kbytes
Page   2 Pages
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD
Description Silicon NPN Power Transistor

TIP35CF Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP35CF Datasheet PDF - Kwang Myoung I.S. CO.,LTD

Part # TIP35CF
Download  TIP35CF Click to download

File Size   5451.3 Kbytes
Page   2 Pages
Manufacturer  KISEMICONDUCTOR [Kwang Myoung I.S. CO.,LTD]
Direct Link  http://www.kmis.co.kr/
Logo KISEMICONDUCTOR - Kwang Myoung I.S. CO.,LTD
Description Silicon NPN Power Transistor

TIP35CF Datasheet (HTML) - Kwang Myoung I.S. CO.,LTD


TIP35CF Product details

DESCRIPTION

·DC Current Gain-

   : hFE= 25(Min)@IC = 1.5A

·Collector-Emitter Sustaining Voltage-

   : VCEO(SUS)= 100V(Min)

·Complement to Type TIP36CF

·Current Gain-Bandwidth Product-

   : fT= 3.0MHz(Min)@IC= 1.0A



APPLICATIONS

·Designed for use in general purpose power amplifier and switching applications.




Similar Part No. - TIP35CF

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
TIP35CF CDIL-TIP35CF Datasheet
72Kb / 3P
POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
isc Silicon NPN Power Transistor
logo
Continental Device Indi...
TIP35CFNPN CDIL-TIP35CFNPN Datasheet
72Kb / 3P
POWER TRANSISTORS
More results


Similar Description - TIP35CF

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Unisonic Technologies
MJE13003K UTC-MJE13003K Datasheet
313Kb / 8P
NPN SILICON POWER TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com