Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP35CF Datasheet (PDF) - Inchange Semiconductor Company Limited

TIP35CF Datasheet PDF - Inchange Semiconductor Company Limited
Part # TIP35CF
Download  TIP35CF Download
File Size   156.54 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

TIP35CF Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP35CF Datasheet PDF - Inchange Semiconductor Company Limited

Part # TIP35CF
Download  TIP35CF Click to download

File Size   156.54 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

TIP35CF Datasheet (HTML) - Inchange Semiconductor Company Limited


TIP35CF Product details

DESCRIPTION

·DC Current Gain-

   : hFE= 25(Min)@IC = 1.5A

·Collector-Emitter Sustaining Voltage-

   : VCEO(SUS)= 100V(Min)

·Complement to Type TIP36CF

·Current Gain-Bandwidth Product-

   : fT= 3.0MHz(Min)@IC= 1.0A



APPLICATIONS

·Designed for use in general purpose power amplifier and switching applications.



 




Similar Part No. - TIP35CF

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
logo
Continental Device Indi...
TIP35CF CDIL-TIP35CF Datasheet
72Kb / 3P
POWER TRANSISTORS
TIP35CFNPN CDIL-TIP35CFNPN Datasheet
72Kb / 3P
POWER TRANSISTORS
More results


Similar Description - TIP35CF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com