Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA1235 Datasheet (PDF) - Sanyo Semicon Device

LA1235 Datasheet PDF - Sanyo Semicon Device
Part # LA1235
Download  LA1235 Download
File Size   1031.87 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description FM IF System Applications

LA1235 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA1235 Datasheet PDF - Sanyo Semicon Device

Part # LA1235
Download  LA1235 Click to download

File Size   1031.87 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description FM IF System Applications

LA1235 Datasheet (HTML) - Sanyo Semicon Device


LA1235 Product details

Overview

The LA1235 is a high integrated IC developed for use in high S/N, low distortion FM IF system applications. This IC features S/N=88dB, distortion factor=0.015% and has almost all functions required for FM tuner IF stage.



Features

• High S/N (88dB typ.).

• Low distortion (0.015% typ.).

• Weak signal muting dirve output having hysteresis.

• Tuning mete null (short) circuit.

• Signal meter dirve output having wide dynamic range.

• High limiting sensitivity.

• Built-in constant-voltage regulated circuit (Operating voltage : 10 to 14V).




Similar Part No. - LA1235

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1230 SANYO-LA1230 Datasheet
248Kb / 2P
Monolithic Linear Integrated Circuit FM IF SYSTEM
LA1231 SANYO-LA1231 Datasheet
665Kb / 8P
FM IF System
LA1231N SANYO-LA1231N Datasheet
665Kb / 8P
FM IF System
LA1231N SANYO-LA1231N Datasheet
104Kb / 1P
FM/AM IF AMP FOR RADIO CASSETE MUSIC CENTER
More results


Similar Description - LA1235

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
FM IF System
November 1996
CA3189 INTERSIL-CA3189 Datasheet
129Kb / 8P
FM IF System
May 1999
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
FM IF SYSTEM
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
FM IF System
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
FM IF System
October 2002
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
FM IF SYSTEM
logo
Unisonic Technologies
ULA1235 UTC-ULA1235 Datasheet
286Kb / 5P
FM IF SYSTEM APPLICATIONS
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com