Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3189 Datasheet (PDF) - Intersil Corporation

CA3189 Datasheet PDF - Intersil Corporation
Part # CA3189
Download  CA3189 Download
File Size   129.17 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description FM IF System

CA3189 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3189 Datasheet PDF - Intersil Corporation

Part # CA3189
Download  CA3189 Click to download

File Size   129.17 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description FM IF System

CA3189 Datasheet (HTML) - Intersil Corporation


CA3189 Product details

Description
The Harris CA3189E is a monolithic integrated circuit that provides all the functions of a comprehensive FM-lF system. The block diagram of the CA3189E includes a three-stage FM-lF amplifier/limiter configuration with level detectors for each stage, a doubly-balanced quadrature FM detector and an audio amplifier that features the optional use of a muting (squelch) circuit

Features
• Includes IF Amplifier, Quadrature Detector, AF Preamplifier, and Specific Circuits for AGC, AFC, Tun ing Meter, Deviation-Noise Muting, and ON Channel Detector
• FM IF Amplifier Applications in High-Fidelity, Automotive, and Communications Receivers
• Exceptional Limiting Sensitivity -12µV (Typ) at -3dB Point
• Low Distortion -0.1% (Typ) (with Double-Tuned Coil)
• Single-Coil Tuning Capability
• Improved S + N/N Ratio
• Externally Programmable Recovered Audio Level
• Provides Specific Signal for Control of Interchannel Muting (Squelch)
• Provides Specific Signal for Direct Drive of a Tuning Meter
• On Channel Step for Search Control
• Provides Programmable AGC Voltage for RF Amplifier
• Provides a Specific Circuit for Flexible Audio Output
• Internal Supply Voltage Regulators
• Externally Programmable “On” Channel Step Width, and Deviation at Which Muting Occurs




Similar Part No. - CA3189

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3183 INTERSIL-CA3183 Datasheet
121Kb / 12P
High-Voltage Transistor Arrays
April 2000
CA3183 INTERSIL-CA3183 Datasheet
294Kb / 12P
High-VoltageTransistorArrays
May 2001
CA3183A INTERSIL-CA3183A Datasheet
121Kb / 12P
High-Voltage Transistor Arrays
April 2000
CA3183AE INTERSIL-CA3183AE Datasheet
121Kb / 12P
High-Voltage Transistor Arrays
April 2000
CA3183AE INTERSIL-CA3183AE Datasheet
294Kb / 12P
High-VoltageTransistorArrays
May 2001
More results


Similar Description - CA3189

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
FM IF SYSTEM
logo
Sanyo Semicon Device
LA1231N SANYO-LA1231N Datasheet
665Kb / 8P
FM IF System
logo
Daewoo Semiconductor
DBL1018 DAEWOO-DBL1018 Datasheet
352Kb / 7P
FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
FM IF System
November 1996
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
FM IF SYSTEM
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
FM IF System
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
FM IF System
October 2002
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
FM IF SYSTEM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com