Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF5812 Datasheet (PDF) - Advanced Semiconductor

MRF5812 Datasheet PDF - Advanced Semiconductor
Part # MRF5812
Download  MRF5812 Download
File Size   27.13 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description NPN SILICON RF MICROWAVE TRANSISTOR

MRF5812 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF5812 Datasheet PDF - Advanced Semiconductor

Part # MRF5812
Download  MRF5812 Click to download

File Size   27.13 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description NPN SILICON RF MICROWAVE TRANSISTOR

MRF5812 Datasheet (HTML) - Advanced Semiconductor


MRF5812 Product details

DESCRIPTION:
The ASI MRF5812 is Designed for high current, low power, low noise, amplifiers up to 1.0 GHz.

FEATURES:
• Low Noise – 2.5 dB @ 500 MHz
• Ftau – 5.0 GHz @ 10 V, 75 mA
• Cost Effective SO-8 package




Similar Part No. - MRF5812

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
MRF5812 ADPOW-MRF5812 Datasheet
125Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812G ADPOW-MRF5812G Datasheet
125Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Microsemi Corporation
MRF5812R1 MICROSEMI-MRF5812R1 Datasheet
173Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812R2 MICROSEMI-MRF5812R2 Datasheet
173Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Similar Description - MRF5812

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF10350 MACOM-MRF10350 Datasheet
147Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF1090MA MACOM-MRF1090MA Datasheet
127Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
TPR175 ASI-TPR175 Datasheet
23Kb / 1P
NPN SILICON RF-MICROWAVE POWER TRANSISTOR
REV. B
MSC80917 ASI-MSC80917 Datasheet
78Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
NE64700 ASI-NE64700 Datasheet
18Kb / 1P
NPN SILICON MICROWAVE TRANSISTOR
REV. A
logo
NTE Electronics
NTE359 NTE-NTE359 Datasheet
72Kb / 2P
Silicon NPN Transistor RF & Microwave Transistor
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Advanced Semiconductor
MS2608 ASI-MS2608 Datasheet
79Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
REV. A
MSC1004M ASI-MSC1004M Datasheet
40Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031_17 Datasheet
642Kb / 6P
Microwave Power Silicon NPN Transistor
More results




About Advanced Semiconductor


Advanced Semiconductor, Inc. (ASI) is a semiconductor company based in South Korea. The company was founded in 1989 and specializes in the design and manufacturing of memory and storage solutions for a variety of applications, including consumer electronics, automotive, and industrial markets.

ASI's product portfolio includes DRAM, SRAM, flash memory, and embedded memory solutions. These products are used in a wide range of devices, including smartphones, tablets, laptops, servers, and automotive infotainment systems.

ASI is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. ASI also offers custom design and engineering services to meet the specific needs of its customers.

ASI has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative memory and storage solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com