Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF8372 Datasheet (PDF) - Advanced Semiconductor

MRF8372 Datasheet PDF - Advanced Semiconductor
Part # MRF8372
Download  MRF8372 Download
File Size   27.05 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description NPN SILICON LOW POWER TRANSISTOR

MRF8372 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF8372 Datasheet PDF - Advanced Semiconductor

Part # MRF8372
Download  MRF8372 Click to download

File Size   27.05 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description NPN SILICON LOW POWER TRANSISTOR

MRF8372 Datasheet (HTML) - Advanced Semiconductor


MRF8372 Product details

DESCRIPTION:
The ASI MRF8372 is Designed for Wideband large signal stages in the 800 MHz and UHF frequency ranges.

FEATURES:
• POUT = 750 mW
• PG = 8.0 dB min.
• η = 60% typical
• R1 suffix – Tape and Reel, 500 units
• R2 suffix – Tape and Reel, 2500 units




Similar Part No. - MRF8372

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF8372 MOTOROLA-MRF8372 Datasheet
101Kb / 6P
RF LOW POWER TRANSISTOR NPN SILICON
logo
Advanced Power Technolo...
MRF8372 ADPOW-MRF8372 Datasheet
62Kb / 3P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF8372G ADPOW-MRF8372G Datasheet
62Kb / 3P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Motorola, Inc
MRF8372R1 MOTOROLA-MRF8372R1 Datasheet
101Kb / 6P
RF LOW POWER TRANSISTOR NPN SILICON
MRF8372R2 MOTOROLA-MRF8372R2 Datasheet
101Kb / 6P
RF LOW POWER TRANSISTOR NPN SILICON
More results


Similar Description - MRF8372

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N930 MICROSEMI-2N930 Datasheet
67Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N718A MICROSEMI-2N718A Datasheet
59Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N2432 MICROSEMI-2N2432 Datasheet
56Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
2N2484 MICROSEMI-2N2484_1 Datasheet
56Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
2N3439 MICROSEMI-2N3439_1 Datasheet
106Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
2N2484UA MICROSEMI-2N2484UA Datasheet
51Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
JANS2N3440 MICROSEMI-JANS2N3440 Datasheet
312Kb / 6P
NPN LOW POWER SILICON TRANSISTOR
JANTX2N918 MICROSEMI-JANTX2N918 Datasheet
186Kb / 4P
NPN LOW POWER SILICON TRANSISTOR
JAN2N3440 MICROSEMI-JAN2N3440 Datasheet
312Kb / 6P
NPN LOW POWER SILICON TRANSISTOR
JAN2N2484 MICROSEMI-JAN2N2484 Datasheet
51Kb / 2P
NPN SILICON LOW POWER TRANSISTOR
More results




About Advanced Semiconductor


Advanced Semiconductor, Inc. (ASI) is a semiconductor company based in South Korea. The company was founded in 1989 and specializes in the design and manufacturing of memory and storage solutions for a variety of applications, including consumer electronics, automotive, and industrial markets.

ASI's product portfolio includes DRAM, SRAM, flash memory, and embedded memory solutions. These products are used in a wide range of devices, including smartphones, tablets, laptops, servers, and automotive infotainment systems.

ASI is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. ASI also offers custom design and engineering services to meet the specific needs of its customers.

ASI has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative memory and storage solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com