Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF8372 Datasheet (PDF) - Motorola, Inc

MRF8372 Datasheet PDF - Motorola, Inc
Part # MRF8372
Download  MRF8372 Download
File Size   101.2 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF LOW POWER TRANSISTOR NPN SILICON

MRF8372 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF8372 Datasheet PDF - Motorola, Inc

Part # MRF8372
Download  MRF8372 Click to download

File Size   101.2 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF LOW POWER TRANSISTOR NPN SILICON

MRF8372 Datasheet (HTML) - Motorola, Inc


MRF8372 Product details

The RF Line
NPN Silicon RF Low Power Transistor

Designed primarily for wideband large signal predriver stages in 800 MHz and UHF frequency ranges.

• Specified @ 12.5 V, 870 MHz Characteristics
   Output Power = 750 mW
   Minimum Gain = 8.0 dB
   Efficiency 60% (Typ)
• State–of–the–Art Technology
   Fine Line Geometry
   Gold Top Metal and Wires
   Silicon Nitride Passivated
   Ion Implanted Arsenic Emitters
• Circuit board photomaster available upon request by contacting RF Tactical Marketing in Phoenix, AZ.
• Order MRF8372 in tape and reel packaging by adding suffix:
   R1 suffix = 500 units per reel
   R2 suffix = 2,500 units per reel




Similar Part No. - MRF8372

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MRF8372 ADPOW-MRF8372 Datasheet
62Kb / 3P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Semiconductor
MRF8372 ASI-MRF8372 Datasheet
27Kb / 1P
NPN SILICON LOW POWER TRANSISTOR
REV. A
logo
Advanced Power Technolo...
MRF8372G ADPOW-MRF8372G Datasheet
62Kb / 3P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Similar Description - MRF8372

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF553 MOTOROLA-MRF553 Datasheet
94Kb / 6P
RF LOW POWER TRANSISTOR NPN SILICON
MRF555 MOTOROLA-MRF555 Datasheet
99Kb / 6P
RF LOW POWER TRANSISTOR NPN SILICON
MRF557 MOTOROLA-MRF557 Datasheet
91Kb / 6P
RF LOW POWER TRANSISTOR NPN SILICON
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
MRF837 ASI-MRF837 Datasheet
25Kb / 1P
NPN SILICON RF LOW POWER TRANSISTOR
REV. A
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com