Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF557 Datasheet (PDF) - Motorola, Inc

MRF557 Datasheet PDF - Motorola, Inc
Part # MRF557
Download  MRF557 Download
File Size   91.55 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF LOW POWER TRANSISTOR NPN SILICON

MRF557 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF557 Datasheet PDF - Motorola, Inc

Part # MRF557
Download  MRF557 Click to download

File Size   91.55 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF LOW POWER TRANSISTOR NPN SILICON

MRF557 Datasheet (HTML) - Motorola, Inc


MRF557 Product details

The RF Line
NPN Silicon
RF Low Power Transistor

Designed primarily for wideband large signal predriver stages in the 800 MHz frequency range.

• Specified @ 12.5 V, 870 MHz Characteristics
   Output Power = 1.5 W
   Minimum Gain = 8.0 dB
   Efficiency 60% (Typ)
• Cost Effective PowerMacro Package
• Electroless Tin Plated Leads for Improved Solderability
• Circuit board photomaster available upon request by
   contacting RF Tactical Marketing in Phoenix, AZ.




Similar Part No. - MRF557

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MRF557 ADPOW-MRF557 Datasheet
150Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF557G ADPOW-MRF557G Datasheet
150Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Similar Description - MRF557

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF553 MOTOROLA-MRF553 Datasheet
94Kb / 6P
RF LOW POWER TRANSISTOR NPN SILICON
MRF555 MOTOROLA-MRF555 Datasheet
99Kb / 6P
RF LOW POWER TRANSISTOR NPN SILICON
MRF8372 MOTOROLA-MRF8372 Datasheet
101Kb / 6P
RF LOW POWER TRANSISTOR NPN SILICON
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
MRF837 ASI-MRF837 Datasheet
25Kb / 1P
NPN SILICON RF LOW POWER TRANSISTOR
REV. A
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com