Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA2806M Datasheet (PDF) - Sanyo Semicon Device

LA2806M Datasheet PDF - Sanyo Semicon Device
Part # LA2806M
Download  LA2806M Download
File Size   177.54 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Signal Processor and Power Amplifier IC for Telephone Answering Machines

LA2806M Datasheet (PDF)

Go To PDF Page Download Datasheet
LA2806M Datasheet PDF - Sanyo Semicon Device

Part # LA2806M
Download  LA2806M Click to download

File Size   177.54 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Signal Processor and Power Amplifier IC for Telephone Answering Machines

LA2806M Datasheet (HTML) - Sanyo Semicon Device


LA2806M Product details

Overview
The LA2806M is a one-chip voice signal processing IC for single-mechanism answering machines that incorporates the basic functions required for an answering machine as well as the microcontroller interface and analog switches that are needed in order to control those basic functions.

Features
• One-chip voice signal processing for single-mechanism answering machines
• Because the LA2806M incorporates all of the basic functions required for an answering machine and can be controlled by a microcontroller, this IC makes it possible to design an original system
• Built-in power amplifier
• Allows conversation recording mode
• Recording bias and amplifier gain control current can be set separately using external resistors.
• Small package (MFP30S)

Functions
• Recording preamplifier (with ALC : LINE/MIC input)
• Playback equalizer amplifier
• Recording amplifier (DC bias)
• Analog switches
• Voice-operated switch (VOX) with filter
• Power amplifier (PO = 200 mW, RL = 8 Ω, VCC = 5 V)
• Line output buffer
• Microcontroller interface




Similar Part No. - LA2806M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2800N SANYO-LA2800N Datasheet
429Kb / 9P
Telephone Answering Machine
LA2805 SANYO-LA2805 Datasheet
248Kb / 9P
Telephone Answering Machine Use
LA2805M SANYO-LA2805M Datasheet
248Kb / 9P
Telephone Answering Machine Use
More results


Similar Description - LA2806M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6182K PANASONIC-AN6182K Datasheet
60Kb / 6P
Recording and playing amplifier IC for answering telephones
logo
NXP Semiconductors
PCD6001 PHILIPS-PCD6001 Datasheet
385Kb / 96P
Digital telephone answering machine chip
2001 Apr 17
logo
Sanyo Semicon Device
LA2805 SANYO-LA2805 Datasheet
248Kb / 9P
Telephone Answering Machine Use
LA8518NM SANYO-LA8518NM Datasheet
560Kb / 31P
Signal Processor for Cordless Telephone Base Sets
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
Cordless Telephone Signal Processor
LA2800N SANYO-LA2800N Datasheet
429Kb / 9P
Telephone Answering Machine
logo
NXP Semiconductors
PCD6003 PHILIPS-PCD6003 Datasheet
385Kb / 96P
Digital telephone answering machine chip
2001 Apr 17
logo
Hitachi Semiconductor
HA12089MP HITACHI-HA12089MP Datasheet
626Kb / 13P
Sound Signal Processing IC for Automatic Telephone Answering System
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
Cordless Telephone Signal Processor
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com