Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4192 Datasheet (PDF) - Sanyo Semicon Device

LA4192 Datasheet PDF - Sanyo Semicon Device
Part # LA4192
Download  LA4192 Download
File Size   355.11 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1 to 2.3W 2-Channel af Power Amp

LA4192 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4192 Datasheet PDF - Sanyo Semicon Device

Part # LA4192
Download  LA4192 Click to download

File Size   355.11 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1 to 2.3W 2-Channel af Power Amp

LA4192 Datasheet (HTML) - Sanyo Semicon Device


LA4192 Product details

Features

• Has two channels that can be used for either stereo or bridge amplifier.

• High outputs : LA4192 provides 2.3W per channel for 2 channel stereo connected at VCC=9V,  RL=4Ω, or 4.7W bridge amplifier (for RL=8Ω).

• Voltage gain is variable by externally connected feedback resistors :

For 2-channel : RNF=27Ω, VG=50dB

Bridge amplifier connected : RNF=51Ω, VG=51dB

• Switching distortions in higher frequencies have been held low.

• The built-in muting circuit keeps noises caused by turning power on and off at low levels.

• The built-in ripple filter provides good ripple rejection factors.

• Excels in channel separation.




Similar Part No. - LA4192

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4192 SANYO-LA4192 Datasheet
49Kb / 1P
2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
More results


Similar Description - LA4192

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1667 NTE-NTE1667 Datasheet
23Kb / 2P
Integrated Circuit 2 Channel Amp, 2.3W/Ch (4.7W BTL)
NTE1878 NTE-NTE1878 Datasheet
18Kb / 2P
Integrated Circuit Module, Voltage Amp for 2 Power, 2 Channel, 40W to 50W AF Power Amp
logo
Sanyo Semicon Device
LA4446 SANYO-LA4446 Datasheet
178Kb / 7P
5.5W 2-Channel AF Power Amp
LA4558 SANYO-LA4558 Datasheet
282Kb / 8P
2-Channel AF Power Amp
STK4171X SANYO-STK4171X Datasheet
72Kb / 3P
2-Channel AF Power Amp
STK4273 SANYO-STK4273 Datasheet
133Kb / 3P
2 Channel AF Power Amp
STK4893 SANYO-STK4893 Datasheet
111Kb / 2P
40W 2 CHANNEL AF POWER AMP
logo
List of Unclassifed Man...
STK4101II ETC-STK4101II Datasheet
104Kb / 2P
2-CHANNEL AF POWER AMP
logo
Sanyo Semicon Device
STK463 SANYO-STK463 Datasheet
46Kb / 1P
2 POWER 2 CHANNEL 10 to 30W min AF POWER AMP
logo
List of Unclassifed Man...
STK4703 ETC1-STK4703 Datasheet
158Kb / 1P
2-CHANNEL 10 TO 50W MIN AF POWER AMP.(DUAL-SUPPLY)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com