Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4446 Datasheet (PDF) - Sanyo Semicon Device

LA4446 Datasheet PDF - Sanyo Semicon Device
Part # LA4446
Download  LA4446 Download
File Size   178.39 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 5.5W 2-Channel AF Power Amp

LA4446 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4446 Datasheet PDF - Sanyo Semicon Device

Part # LA4446
Download  LA4446 Click to download

File Size   178.39 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 5.5W 2-Channel AF Power Amp

LA4446 Datasheet (HTML) - Sanyo Semicon Device


LA4446 Product details





Similar Part No. - LA4446

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4440 SANYO-LA4440 Datasheet
467Kb / 13P
6W 2-Channel, Bridge 19W typ Power Amplifier
logo
ON Semiconductor
LA4440 ONSEMI-LA4440 Datasheet
538Kb / 13P
Power Amplifier
July, 2013
LA4440J-K-E ONSEMI-LA4440J-K-E Datasheet
538Kb / 13P
Power Amplifier
July, 2013
logo
Sanyo Semicon Device
LA4445 SANYO-LA4445 Datasheet
211Kb / 7P
5.5W 2-Channel AF Power Amplifier
More results


Similar Description - LA4446

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4192 SANYO-LA4192 Datasheet
355Kb / 11P
1 to 2.3W 2-Channel af Power Amp
LA4445 SANYO-LA4445 Datasheet
211Kb / 7P
5.5W 2-Channel AF Power Amplifier
LA4558 SANYO-LA4558 Datasheet
282Kb / 8P
2-Channel AF Power Amp
STK4171X SANYO-STK4171X Datasheet
72Kb / 3P
2-Channel AF Power Amp
STK4273 SANYO-STK4273 Datasheet
133Kb / 3P
2 Channel AF Power Amp
STK4893 SANYO-STK4893 Datasheet
111Kb / 2P
40W 2 CHANNEL AF POWER AMP
logo
List of Unclassifed Man...
STK4101II ETC-STK4101II Datasheet
104Kb / 2P
2-CHANNEL AF POWER AMP
logo
Sanyo Semicon Device
STK463 SANYO-STK463 Datasheet
46Kb / 1P
2 POWER 2 CHANNEL 10 to 30W min AF POWER AMP
logo
NTE Electronics
NTE1240 NTE-NTE1240 Datasheet
72Kb / 2P
Integrated Circuit Audio Power Amp, 5.5W
NTE1707 NTE-NTE1707 Datasheet
82Kb / 4P
Integrated Circuit AF Power Amp, 5.5W/Channel
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com