Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4445 Datasheet (PDF) - Sanyo Semicon Device

LA4445 Datasheet PDF - Sanyo Semicon Device
Part # LA4445
Download  LA4445 Download
File Size   211.5 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 5.5W 2-Channel AF Power Amplifier

LA4445 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4445 Datasheet PDF - Sanyo Semicon Device

Part # LA4445
Download  LA4445 Click to download

File Size   211.5 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 5.5W 2-Channel AF Power Amplifier

LA4445 Datasheet (HTML) - Sanyo Semicon Device


LA4445 Product details

Features

• Dual channels.

Output : 5.5W×2 (typ.)

• Minimun number of external parts required.

• Small pop noise at the time of power supply ON/OFF and good starting balance.

• Good ripple rejection : 46dB (typ.)

• Good channel separation.

• Small residual noise (Rg=0).

• Built-in protectors.

  a. Thermal protector

  b. Overvoltage, surge protector

  c. Adjacent pins (9-10, 9-8) short protector




Similar Part No. - LA4445

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4440 SANYO-LA4440 Datasheet
467Kb / 13P
6W 2-Channel, Bridge 19W typ Power Amplifier
logo
ON Semiconductor
LA4440 ONSEMI-LA4440 Datasheet
538Kb / 13P
Power Amplifier
July, 2013
LA4440J-K-E ONSEMI-LA4440J-K-E Datasheet
538Kb / 13P
Power Amplifier
July, 2013
logo
Sanyo Semicon Device
LA4446 SANYO-LA4446 Datasheet
178Kb / 7P
5.5W 2-Channel AF Power Amp
More results


Similar Description - LA4445

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4182 SANYO-LA4182 Datasheet
342Kb / 9P
2.3 W 2-Channel AF Power Amplifier
LA4446 SANYO-LA4446 Datasheet
178Kb / 7P
5.5W 2-Channel AF Power Amp
LA4500 SANYO-LA4500 Datasheet
629Kb / 12P
5.3W 2-Channel AF Power Amplifier
LA4508 SANYO-LA4508 Datasheet
219Kb / 7P
8.5W 2-Channel AF Power Amplifier
LA4635B SANYO-LA4635B Datasheet
25Kb / 3P
2-Channel BTL AF Power Amplifier
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK441 SANYO-STK441 Datasheet
152Kb / 4P
20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK417-090 SANYO-STK417-090 Datasheet
140Kb / 3P
2 CHANNEL HIGH EFFICIENCY AF POWER AMPLIFIER
logo
NTE Electronics
NTE1707 NTE-NTE1707 Datasheet
82Kb / 4P
Integrated Circuit AF Power Amp, 5.5W/Channel
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com