Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4182 Datasheet (PDF) - Sanyo Semicon Device

LA4182 Datasheet PDF - Sanyo Semicon Device
Part # LA4182
Download  LA4182 Download
File Size   342.25 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2.3 W 2-Channel AF Power Amplifier

LA4182 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4182 Datasheet PDF - Sanyo Semicon Device

Part # LA4182
Download  LA4182 Click to download

File Size   342.25 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2.3 W 2-Channel AF Power Amplifier

LA4182 Datasheet (HTML) - Sanyo Semicon Device


LA4182 Product details

Features
• Built-in 2 channels enabling use in stereo and bridge amplifier applications.
• High output: 2.3 W/channel, VCC = 9 V, RL = 4 Ω, and 4.7 W/bridge, RL = 8 Ω.
• Minimum number of external parts required : 9 pcs. min. (Stereo/bridge).
• Small pop noise at the time of power supply ON/OFF due to built-in muting circuit.
• Good ripple rejection ratio due to built-in ripple filter.
• Soft tone at the time of output saturation.
• Good channel separation.
• Voltage gain fixed at 45 dB (Bridge: 51 dB). Variable voltage gain available with external resistor added.
• Easy to design radiator fin.




Similar Part No. - LA4182

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4182 SANYO-LA4182 Datasheet
56Kb / 1P
2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
More results


Similar Description - LA4182

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4183 SANYO-LA4183 Datasheet
286Kb / 11P
2.3 W 2-Channel AF Power Amplifier for Radio Cassette Players
LA4445 SANYO-LA4445 Datasheet
211Kb / 7P
5.5W 2-Channel AF Power Amplifier
LA4500 SANYO-LA4500 Datasheet
629Kb / 12P
5.3W 2-Channel AF Power Amplifier
LA4508 SANYO-LA4508 Datasheet
219Kb / 7P
8.5W 2-Channel AF Power Amplifier
LA4635B SANYO-LA4635B Datasheet
25Kb / 3P
2-Channel BTL AF Power Amplifier
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
20 W 2-channel BTL AF Power Amplifier for Car Stereos
STK4211V SANYO-STK4211V Datasheet
58Kb / 3P
2-Channel 70 W min AF Power Amplifier (Split Power Supply)
STK4221V SANYO-STK4221V Datasheet
58Kb / 3P
2-Channel 80 W min AF Power Amplifier (Split Power Supply)
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com