Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4183 Datasheet (PDF) - Sanyo Semicon Device

LA4183 Datasheet PDF - Sanyo Semicon Device
Part # LA4183
Download  LA4183 Download
File Size   286.29 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2.3 W 2-Channel AF Power Amplifier for Radio Cassette Players

LA4183 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4183 Datasheet PDF - Sanyo Semicon Device

Part # LA4183
Download  LA4183 Click to download

File Size   286.29 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2.3 W 2-Channel AF Power Amplifier for Radio Cassette Players

LA4183 Datasheet (HTML) - Sanyo Semicon Device


LA4183 Product details

Features
• Built-in 2 channels enabling use in stereo and bridge amplifier (BTL) applications.
• High-output: 2.3 W typ./channel, VCC = 9 V, RL = 4 Ω 4.7 W typ./bridge amplifier, VCC = 9 V, RL = 8 Ω
• Low switching distortion at high frequencies.
• Minimum number of external parts required: 9 pcs. min. (Stereo/bridge).
• Small shock noise at the time of power supply ON/OFF due to built-in muting circuit.
• Good ripple rejection due to built-in ripple filter.
• Soft tone at the time of output saturation.
• Good channel separation.
• Voltage gain fixed at 45 dB (Bridge: 51 dB). Variable voltage gain available with external resistor added.




Similar Part No. - LA4183

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4183 SANYO-LA4183 Datasheet
56Kb / 1P
2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
More results


Similar Description - LA4183

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3924 ROHM-BA3924 Datasheet
173Kb / 12P
Power supply for CD radio cassette players
BA3936 ROHM-BA3936 Datasheet
185Kb / 10P
System power supply for CD radio cassette players
BA3938 ROHM-BA3938 Datasheet
102Kb / 8P
System power supply for CD radio cassette players
BA3940A ROHM-BA3940A Datasheet
99Kb / 7P
System power supply for CD radio cassette players
logo
Sanyo Semicon Device
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
LA4182 SANYO-LA4182 Datasheet
342Kb / 9P
2.3 W 2-Channel AF Power Amplifier
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
Dual AF Power Amplifier for Radio Cassette Recorders
LA4555 SANYO-LA4555 Datasheet
345Kb / 10P
2-Channel AF Power Amplifier for Radio, Tape Recorder Use
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
For Radio Cassette Recorders Dual AF Power Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com