Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4525 Datasheet (PDF) - Sanyo Semicon Device

LA4525 Datasheet PDF - Sanyo Semicon Device
Part # LA4525
Download  LA4525 Download
File Size   203.4 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Dual AF Power Amplifier for Radio Cassette Recorders

LA4525 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4525 Datasheet PDF - Sanyo Semicon Device

Part # LA4525
Download  LA4525 Click to download

File Size   203.4 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Dual AF Power Amplifier for Radio Cassette Recorders

LA4525 Datasheet (HTML) - Sanyo Semicon Device


LA4525 Product details

Overview
The LA4525 requires only a small number of external components to drive either two 4Ω speakers or one 8Ω speaker. The output power is typically 0.65W when driving two 4Ω speakers.

Features
• Two-channel (dual) or single-channel (BTL) operation
• Requires only a few external components
• 0.65W (typ) output power into two 4Ω speakers
• Wide power supply range : 3 to 15V
• 8-pin DIP (No heat sink needed)




Similar Part No. - LA4525

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4525 SANYO-LA4525 Datasheet
490Kb / 8P
For Radio Cassette Recorders Dual AF Power Amplifier
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
For Radio Cassette Recorders Dual AF Power Amplifier
More results


Similar Description - LA4525

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
Dual recording / playback preamplifier for radio cassette recorders
logo
Sanyo Semicon Device
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
2-Channel Power Amp for Radio-Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4505 SANYO-LA4505 Datasheet
131Kb / 1P
2-CHANNEL AF POWER AMPLIFIER FOR RADIO CASSETTE(15V)
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
For Radio Cassette Recorders Dual AF Power Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com