Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4601 Datasheet (PDF) - Sanyo Semicon Device

LA4601 Datasheet PDF - Sanyo Semicon Device
Part # LA4601
Download  LA4601 Download
File Size   67.68 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Audio Power Amplifier for Radio Cassette Recorders

LA4601 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4601 Datasheet PDF - Sanyo Semicon Device

Part # LA4601
Download  LA4601 Click to download

File Size   67.68 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Audio Power Amplifier for Radio Cassette Recorders

LA4601 Datasheet (HTML) - Sanyo Semicon Device


LA4601 Product details

This is a different-package version of the power amplifier LA4600 with ultralow peripheral component count. Basic power supply spec is Vcc = 15V, but a 9V spec for operation without

heatsink is also possible. BS capacitor, NF capacitor, and oscillation-stopping CR components are incorporated into the IC circuitry.



Functions

• Pin compatible with the LA4600

• Heatsink not required for 9V version

• Output power VCC =15V/3Ω....7.0W X 2

• Built-in stanby switching

• Built-in overheat protection (TSD)

 




Similar Part No. - LA4601

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
More results


Similar Description - LA4601

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Rohm
BA3126F ROHM-BA3126F Datasheet
110Kb / 7P
2-channel head switch for radio cassette recorders
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
Dual recording / playback preamplifier for radio cassette recorders
logo
Sanyo Semicon Device
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
Dual AF Power Amplifier for Radio Cassette Recorders
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
2-Channel Power Amp for Radio-Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
For Radio Cassette Recorders Dual AF Power Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com