Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4705 Datasheet (PDF) - Sanyo Semicon Device

LA4705 Datasheet PDF - Sanyo Semicon Device
Part # LA4705
Download  LA4705 Download
File Size   258.53 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 15 W 2-channel BTL AF Power Amplifier for Car Stereos

LA4705 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4705 Datasheet PDF - Sanyo Semicon Device

Part # LA4705
Download  LA4705 Click to download

File Size   258.53 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 15 W 2-channel BTL AF Power Amplifier for Car Stereos

LA4705 Datasheet (HTML) - Sanyo Semicon Device


LA4705 Product details

Overview

The LA4705 is a BTL two-channel power IC for car audio and radio-cassette players developed in pursuit of excellent sound quality. Low-region frequency characteristics have been improved through the use of a new NF capacitorless circuit, and crosstalk which causes ‘‘muddy’’ sound has been reduced by improving both circuit and pattern layout. As a result, the LA4705 provides powerful bass and clear treble. In addition, the LA4705 features on-chip protectors and standby switch.



Features

.High power: supports total output of 25 W + 25 W

(VCC= 14.4 V, THD = 30%, RL=4Ω)

.Less pop noise

.Designed for excellent sound quality

(fL< 10 Hz, fH= 130 kHz)

.Any on time settable by external capacitor

.Standby switch circuit on chip (microprocessor supported)

.Various protectors on chip

(output-to-ground short/output-to-VCCshort/

load short/overvoltage/thermal shutdown circuit)

.NF capacitorless

.Supports RL=2Ω




Similar Part No. - LA4705

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4700 SANYO-LA4700 Datasheet
137Kb / 5P
2-Channel 12W AF Power Amplifier for Car Stereos
LA4700N SANYO-LA4700N Datasheet
137Kb / 5P
2-Channel 12W AF Power Amplifier for Car Stereos
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
More results


Similar Description - LA4705

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
5.8W typ AF Power Amplifier for Car Stereos, Car Radios
LA4700N SANYO-LA4700N Datasheet
137Kb / 5P
2-Channel 12W AF Power Amplifier for Car Stereos
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4725 SANYO-LA4725 Datasheet
44Kb / 3P
2-Channel BTL Power Amplifier 30 W30 W with Standby Switch for Car Stereos
LA4728 SANYO-LA4728 Datasheet
44Kb / 3P
2-Channel BTL Power Amplifier 35 W35 W with Standby Switch for Car Stereos
LA4741 SANYO-LA4741 Datasheet
110Kb / 3P
42W 4-Channel BTL Power Amplifier for Car Stereos
LA4905 SANYO-LA4905 Datasheet
549Kb / 10P
17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems
LA4906 SANYO-LA4906 Datasheet
362Kb / 10P
17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com