Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4905 Datasheet (PDF) - Sanyo Semicon Device

LA4905 Datasheet PDF - Sanyo Semicon Device
Part # LA4905
Download  LA4905 Download
File Size   549.18 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems

LA4905 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4905 Datasheet PDF - Sanyo Semicon Device

Part # LA4905
Download  LA4905 Click to download

File Size   549.18 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Stereo Systems

LA4905 Datasheet (HTML) - Sanyo Semicon Device


LA4905 Product details

Overview
The LA4905 is a BTL 2-channel power amplifier IC for use in car audio systems. Increases in the number of external components are held to a minimum by adopting both a signal-following type switching scheme in the amplifier’s output stage power supply, and a newly-developed nonlinear amplifier that has nonlinear characteristics in the signal system.

Features
• Power dissipation reduced by 50% (When average music power is measured, and when compared to earlier Sanyo products.)
• The number of required signal follower circuits has been reduced to a single circuit for two channels, allowing the number of external components to be reduced.
• The output is a pure analog signal: no switching noise is output to the output lines.
• Operates on an 8 to 18-V single-voltage power supply.
• Full complement of built-in protection circuits (shorting to the power supply, shorting to ground, overvoltage, and thermal protection)
• Built-in standby switch




Similar Part No. - LA4905

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4906 SANYO-LA4906 Datasheet
362Kb / 10P
17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems
More results


Similar Description - LA4905

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
logo
Sanyo Semicon Device
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4906 SANYO-LA4906 Datasheet
362Kb / 10P
17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems
LV47017P SANYO-LV47017P Datasheet
278Kb / 11P
For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
For Car Audio Systems 4-Channel BTL Power Amplifier
logo
NXP Semiconductors
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
2 x 22 W BTL stereo car radio power amplifier
July 1994
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
LV47022P ONSEMI-LV47022P Datasheet
284Kb / 12P
4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LA47516 SANYO-LA47516 Datasheet
118Kb / 7P
Four-Channel 50W BTL Power Amplifier for Car Stereo Systems
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com