Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4270 Datasheet (PDF) - Sanyo Semicon Device

LA4270 Datasheet PDF - Sanyo Semicon Device
Part # LA4270
Download  LA4270 Download
File Size   324.72 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 6W Dual-Channel AF Power Amp

LA4270 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4270 Datasheet PDF - Sanyo Semicon Device

Part # LA4270
Download  LA4270 Click to download

File Size   324.72 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 6W Dual-Channel AF Power Amp

LA4270 Datasheet (HTML) - Sanyo Semicon Device


LA4270 Product details

• High-output dual-channel AF Power IC. (PO=6.0W×2, VCC=25V, RL=8Ω, f=1kHz, THD=1.0%)

• Low distortion (THD=0.1%, VCC=25V, RL=8Ω, f=1kHz, PO=2W).

• Minimum number of external parts requierd (no boot strap capacitor requierd).

• Low pop noise at the time of power switch ON/OFF.

• High ripple rejection (58dB typ).

• Wide supply voltage range (10V to 32V).

• On-chip protector against abnormality (thermal shutdown, overvoltage).






Similar Part No. - LA4270

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4270 SANYO-LA4270 Datasheet
49Kb / 1P
2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
More results


Similar Description - LA4270

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1377 NTE-NTE1377 Datasheet
23Kb / 2P
Integrated Circuit AF Power Amplifier, 6W/Channel
NTE1798 NTE-NTE1798 Datasheet
21Kb / 2P
Integrated Circuit Dual, AF PO, 6W/Ch
logo
Sanyo Semicon Device
LA4446 SANYO-LA4446 Datasheet
178Kb / 7P
5.5W 2-Channel AF Power Amp
LA4558 SANYO-LA4558 Datasheet
282Kb / 8P
2-Channel AF Power Amp
STK4102II SANYO-STK4102II Datasheet
307Kb / 8P
AF Power Amplifier (Split Power Supply) (6W 6W min, THD = 0.4%)
STK4171X SANYO-STK4171X Datasheet
72Kb / 3P
2-Channel AF Power Amp
STK4273 SANYO-STK4273 Datasheet
133Kb / 3P
2 Channel AF Power Amp
STK4893 SANYO-STK4893 Datasheet
111Kb / 2P
40W 2 CHANNEL AF POWER AMP
logo
List of Unclassifed Man...
STK4101II ETC-STK4101II Datasheet
104Kb / 2P
2-CHANNEL AF POWER AMP
logo
Sanyo Semicon Device
STK4101V SANYO-STK4101V Datasheet
119Kb / 1P
2-CHANNEL 6W MIN TO 50W MIN AF POWER AMP (DUAL-SUPPLY)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com