Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4589 Datasheet (PDF) - Sanyo Semicon Device

LA4589 Datasheet PDF - Sanyo Semicon Device
Part # LA4589
Download  LA4589 Download
File Size   261.16 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.5V Stereo Headphone Preamplifier and Power Amplifier

LA4589 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4589 Datasheet PDF - Sanyo Semicon Device

Part # LA4589
Download  LA4589 Click to download

File Size   261.16 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 1.5V Stereo Headphone Preamplifier and Power Amplifier

LA4589 Datasheet (HTML) - Sanyo Semicon Device


LA4589 Product details

Overview
The LA4589W is a 1.5V stereo headphone preamplifier and power amplifier IC that provides all the functions of a complete playback system in a single chip, making it idealfor battery-powered, portable cassette players.
The LA4589W incorporates a metal/normal-tape equalization preamplifier, a power amplifier dual power supply ripple filters, a reference voltage amplifier that enables small-value (under 1 µF) virtual-earth capacitors to be used, and a system controller.

Features
• Single-pin control bass boost.
• Automatic music search (AMS).
• Preamplifier inputs for auto-reverse tape mechanism.
• Single-pin control forward/reverse playback selection.
• Two, on-chip, ripple filters.
• Selectable, single or dual ripple filter operation.
• Metal- and normal-tape modes.
• Power amplifier mute function.
• On-chip reference voltage amplifier.
• No power amplifier output capacitors required.
• 73dB (typ) preamplifier open-loop voltage gain.
• 21mW (typ) output power with bass boost.
• Built-in noise reduction capacitors.
• 0.95 to 2.2V supply.
• 48-pin SQFP.




Similar Part No. - LA4589

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4580 SANYO-LA4580 Datasheet
355Kb / 8P
2-Channel Preamp Power Amp 3V Headphone Use
LA4580M SANYO-LA4580M Datasheet
355Kb / 8P
2-Channel Preamp Power Amp 3V Headphone Use
LA4581 SANYO-LA4581 Datasheet
216Kb / 8P
Preamplifier Power Amplifier for 3V Headphone Stereos
LA4581MB SANYO-LA4581MB Datasheet
216Kb / 8P
Preamplifier Power Amplifier for 3V Headphone Stereos
LA4582 SANYO-LA4582 Datasheet
143Kb / 6P
Pre Power Amplifier for 3-V Headphone Stereo Systems
More results


Similar Description - LA4589

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8106F TOSHIBA-TA8106F Datasheet
420Kb / 8P
STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
STEREO HEADPHONE AMPLIFIER (1.5V USE)
07-Jul-1997
TA8157AF TOSHIBA-TA8157AF Datasheet
484Kb / 14P
STEREO HEADPHONE POWER AMPLIFIER (1.5V USE)
07-Jul-1997
TA8159FN TOSHIBA-TA8159FN Datasheet
459Kb / 12P
1.5V STEREO HEADPHONE AMPLIFIER
07-Jul-1997
logo
Sanyo Semicon Device
LA4585M SANYO-LA4585M Datasheet
131Kb / 5P
3-V Preamplifier Power Amplifier for Headphone Stereo Products
LA4590W SANYO-LA4590W Datasheet
415Kb / 19P
1.5V Stereo Headphone Preamplifier and Power Amplifier?
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
1.5V Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M_08 Datasheet
173Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
LA4535MC SANYO-LA4535MC Datasheet
160Kb / 4P
For 1.5V Headphone Stereo Power Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com