Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4742 Datasheet (PDF) - Sanyo Semicon Device

LA4742 Datasheet PDF - Sanyo Semicon Device
Part # LA4742
Download  LA4742 Download
File Size   106.38 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 45 W Four-Channel Bridge Circuit Power Amplifier

LA4742 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4742 Datasheet PDF - Sanyo Semicon Device

Part # LA4742
Download  LA4742 Click to download

File Size   106.38 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 45 W Four-Channel Bridge Circuit Power Amplifier

LA4742 Datasheet (HTML) - Sanyo Semicon Device


LA4742 Product details

Overview

The LA4742 is a 45 W 4-channel power amplifier IC for car stereo systems. It features a built-in bridge circuit and the ability to radically reduce the number of external components required.



Features

• Maximum output power: 45 W ×4 channels (VCC= 14.4 V, 4 Ωload, 1 kHz)

• 40 W ×4 channels (VCC= 13.7 V, 4 Ωload, 1 kHz)

• Requires only seven external components and does not require an oscillation prevention RC circuit, a noise filter, or a BS capacitor.




Similar Part No. - LA4742

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4741 SANYO-LA4741 Datasheet
110Kb / 3P
42W 4-Channel BTL Power Amplifier for Car Stereos
LA4743 SANYO-LA4743 Datasheet
87Kb / 9P
45 W Four-Channel (Bridge Circuit) Power Amplifier
LA4743A SANYO-LA4743A Datasheet
85Kb / 9P
45 W Four-Channel (Bridge Circuit) Power Amplifier
LA4743B SANYO-LA4743B Datasheet
87Kb / 9P
45 W Four-Channel (Bridge Circuit) Power Amplifier
More results


Similar Description - LA4742

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4743A SANYO-LA4743A Datasheet
85Kb / 9P
45 W Four-Channel (Bridge Circuit) Power Amplifier
LA4743B SANYO-LA4743B Datasheet
87Kb / 9P
45 W Four-Channel (Bridge Circuit) Power Amplifier
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
Four-Channel 45 W BTL Car Audio Power Amplifier
logo
NXP Semiconductors
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
logo
STMicroelectronics
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
4 x 45 W quad bridge car radio amplifier
07-Nov-2008
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
logo
STMicroelectronics
TDA7492PE STMICROELECTRONICS-TDA7492PE Datasheet
740Kb / 24P
45 W 45 W dual BTL class-D audio amplifier
17-Nov-2014
logo
List of Unclassifed Man...
CD7377CZ ETC2-CD7377CZ Datasheet
374Kb / 8P
7W×4 four-channel audio power amplifier circuit Version
S-2012-04-A
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com