Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA5550 Datasheet (PDF) - Sanyo Semicon Device

LA5550 Datasheet PDF - Sanyo Semicon Device
Part # LA5550
Download  LA5550 Download
File Size   77.77 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Voltage DC Motor Speed Controller with Logic Circuit

LA5550 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA5550 Datasheet PDF - Sanyo Semicon Device

Part # LA5550
Download  LA5550 Click to download

File Size   77.77 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Voltage DC Motor Speed Controller with Logic Circuit

LA5550 Datasheet (HTML) - Sanyo Semicon Device


LA5550 Product details

Features
• Wide operating voltage range :1.8 to 8V.
• Has a logic circuit which operates in such a manner as 2 logic inputs cause FF, REW, GOVERNOR, BRAKE mode to occur.
• Easy to vary speed at the GOVERNOR mode.
• Turning OFF the strobe pin cause little ICC to flow (100µA).
• Large starting torque.

Applications
    The LA5550, 5550M are low-voltage (3V min.) DC motor speed control IC with bidirectional driver and logic circuit. Speed control, function control of DC motor for cassette tape recorder, tape deck, telephone answering machine.




Similar Part No. - LA5550

ManufacturerPart #DatasheetDescription
logo
LEM
LA55-P LEM-LA55-P Datasheet
68Kb / 2P
Current Transducer LA 55-P
LA55-P LEM-LA55-P Datasheet
68Kb / 2P
Current Transducer LA 55-P
LA55-P LEM-LA55-P Datasheet
126Kb / 2P
Current Transducer
LA55-P LEM-LA55-P_07 Datasheet
126Kb / 2P
Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
Current Transducer
More results


Similar Description - LA5550

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2606 NJRC-NJM2606 Datasheet
201Kb / 6P
LOW VOLTAGE DC MOTOR CONTROLLER
logo
STMicroelectronics
TDA7274 STMICROELECTRONICS-TDA7274 Datasheet
108Kb / 10P
LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
Nov-1988
logo
Samsung semiconductor
KA2402 SAMSUNG-KA2402 Datasheet
59Kb / 4P
DC MOTOR SPEED CONTROLLER
KA2404 SAMSUNG-KA2404 Datasheet
148Kb / 6P
DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA5527 SANYO-LA5527 Datasheet
58Kb / 3P
Low-Voltage DC Motor Speed Controller
LA5527M SANYO-LA5527M Datasheet
56Kb / 3P
Low-Voltage DC Motor Speed Controller?
LA5528N SANYO-LA5528N Datasheet
69Kb / 3P
Low-Voltage DC Motor Speed Controller?
logo
List of Unclassifed Man...
KA2202 ETC-KA2202 Datasheet
85Kb / 3P
LOW VOLTAGE DC MOTOR SPEED CONTROLLER
logo
Samsung semiconductor
KA2401 SAMSUNG-KA2401 Datasheet
185Kb / 5P
DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA5523 SANYO-LA5523 Datasheet
52Kb / 1P
LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com