Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA5685 Datasheet (PDF) - Sanyo Semicon Device

LA5685 Datasheet PDF - Sanyo Semicon Device
Part # LA5685
Download  LA5685 Download
File Size   83.39 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Multi-function,Multi-power supply IC for car radios

LA5685 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA5685 Datasheet PDF - Sanyo Semicon Device

Part # LA5685
Download  LA5685 Click to download

File Size   83.39 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Multi-function,Multi-power supply IC for car radios

LA5685 Datasheet (HTML) - Sanyo Semicon Device


LA5685 Product details

Overview
The LA5685N is a multifunction, multipower supply IC developed for car radios. It has 8.5V AM output, 8.5V FM output, 8.5V common output, 5.2V microcomputer output, and 5.1V bias output, making it the ideal power supply for LA1833 and LA1887 ICs for FM/AM tuner systems.
   
Features
• A total of five built-in outputs : V1=8.5V (AM), V2=8.5V
    (FM), V3=8.5V (common), V4=5.2V (microcomputer),
    and V5=5.1V.
• R ON/OFF, FM/AM switching functions.
• Minimal static current for backup (120µA typ).
• Built-in overvoltage protection circuit (V1, V2, and V3 go
    off at 28V (typ.), V4 and V5 go off at 56V (typ)).
• Built-in thermal shutdouwn circuit (output goes off at
    Tj=170°C (typ.)).
• Built-in short protection circuit.
   




Similar Part No. - LA5685

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5683T SANYO-LA5683T Datasheet
192Kb / 12P
Monolithic Linear IC 4ch Switching Regulator Control IC
LA5688H SANYO-LA5688H Datasheet
83Kb / 7P
Monolithic Linear IC Multi power supply regulator1.5ch forward/reverse motor driver
More results


Similar Description - LA5685

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
For Car Audio Systems Multi-Power Supply IC
LV5686PVC SANYO-LV5686PVC Datasheet
186Kb / 14P
For Car Audio Systems Multi-Power Supply IC
LV5696P SANYO-LV5696P Datasheet
190Kb / 14P
For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
Multi-Power Supply IC for Car Audio Systems
August, 2013
LV5686PVC ONSEMI-LV5686PVC Datasheet
188Kb / 14P
Multi-Power Supply IC for Car Audio Systems
August, 2013
LV56841PVD ONSEMI-LV56841PVD Datasheet
331Kb / 15P
For Car Audio Systems Multi-Power Supply IC
August, 2014
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com