Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA5683T Datasheet (PDF) - Sanyo Semicon Device

LA5683T Datasheet PDF - Sanyo Semicon Device
Part # LA5683T
Download  LA5683T Download
File Size   192.95 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC 4ch Switching Regulator Control IC

LA5683T Datasheet (PDF)

Go To PDF Page Download Datasheet
LA5683T Datasheet PDF - Sanyo Semicon Device

Part # LA5683T
Download  LA5683T Click to download

File Size   192.95 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Monolithic Linear IC 4ch Switching Regulator Control IC

LA5683T Datasheet (HTML) - Sanyo Semicon Device


LA5683T Product details

Overview
The LA5683T is 4ch switching regulator control IC.

Functions
• Low-voltage operation (minimum 1.8V).
• OUT1 and OUT2 can drive external PNP transistors.
• OUT3 and OUT4 can drive external NPN transistors.
• 4-independent-channel standby circuit built-in.
• ±1% accuracy reference voltage.
• Supports MOS transistor drive.
• Channel 2 dead time internally set fixed, duty cycle = 100%.
   (The dead time for channels 1, 3, and 4 are set externally.)




Similar Part No. - LA5683T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5685 SANYO-LA5685 Datasheet
83Kb / 4P
Multi-function,Multi-power supply IC for car radios
LA5685N SANYO-LA5685N Datasheet
83Kb / 4P
Multi-function,Multi-power supply IC for car radios
LA5688H SANYO-LA5688H Datasheet
83Kb / 7P
Monolithic Linear IC Multi power supply regulator1.5ch forward/reverse motor driver
More results


Similar Description - LA5683T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1909 NEC-UPC1909 Datasheet
85Kb / 16P
SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
SWITCHING REGULATOR CONTROL IC
logo
Sanyo Semicon Device
LA5677M SANYO-LA5677M Datasheet
157Kb / 6P
DUAL SWITCHING REGULATOR CONTROL IC
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
Monolithic Linear IC I2C Bus Control IC
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
Monolithic Linear IC I2C Bus Control IC
LA2335M SANYO-LA2335M Datasheet
69Kb / 4P
Monolithic Linear IC For Audio Equipment Control Transceiver IC
LA5663V SANYO-LA5663V Datasheet
688Kb / 15P
Monolithic Linear IC Phase Control Voltage Inverter Control IC
LA76832N SANYO-LA76832N Datasheet
385Kb / 39P
Monolithic Linear IC I2C Bus Control IC
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
Monolithic Linear IC
February, 2014
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com