Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1909 Datasheet (PDF) - NEC

UPC1909 Datasheet PDF - NEC
Part # UPC1909
Download  UPC1909 Download
File Size   85.73 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING REGULATOR CONTROL IC

UPC1909 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC1909 Datasheet PDF - NEC

Part # UPC1909
Download  UPC1909 Click to download

File Size   85.73 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING REGULATOR CONTROL IC

UPC1909 Datasheet (HTML) - NEC


UPC1909 Product details

SWITCHING REGULATOR CONTROL IC

The µPC1909 is a switching regulator control IC ideal for primary side control of active-clamp typeNote DC/DC converters. This IC has 2 outputs employing a totem-pole circuit with peak output current 1.2 A, and is capable of directly driving a power MOS-FET. As a result, it has been possible to realize primary side control of an active-clamp type converter on a single chip.

FEATURES
• 2 on-chip outputs; for Q and Q
• Capable of directly driving a power MOS-FET
• Drive supply voltage range: 7 V to 24 V
• On-chip remote control circuit
• On-chip pulse-by-pulse overcurrent protection circuit
• On-chip overvoltage latch circuit




Similar Part No. - UPC1909

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1909 RENESAS-UPC1909 Datasheet
424Kb / 38P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC1909CX RENESAS-UPC1909CX Datasheet
424Kb / 38P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC1909GS RENESAS-UPC1909GS Datasheet
424Kb / 38P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results


Similar Description - UPC1909

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2368 NJRC-NJM2368 Datasheet
312Kb / 8P
SWITCHING REGULATOR CONTROL IC FOR FLYBACK
NJM2369 NJRC-NJM2369 Datasheet
329Kb / 9P
SWITCHING REGULATOR CONTROL IC FOR FLYBACK?
NJM2377 NJRC-NJM2377 Datasheet
355Kb / 10P
SWITCHING REGULATOR CONTROL IC
NJM2378 NJRC-NJM2378 Datasheet
294Kb / 8P
PWM SWITCHING REGULATOR CONTROL IC FOR SLAVE TYPE
logo
Sanyo Semicon Device
LA5677M SANYO-LA5677M Datasheet
157Kb / 6P
DUAL SWITCHING REGULATOR CONTROL IC
logo
New Japan Radio
NJU7600 NJRC-NJU7600 Datasheet
110Kb / 9P
PWM control Step-Up / Flyback switching regulator IC
NJU7630 NJRC-NJU7630 Datasheet
105Kb / 9P
PWM control Step-Down switching regulator IC
logo
Sanyo Semicon Device
LA5683T SANYO-LA5683T Datasheet
192Kb / 12P
Monolithic Linear IC 4ch Switching Regulator Control IC
logo
New Japan Radio
NJM2309 NJRC-NJM2309 Datasheet
131Kb / 7P
Switching Regulator Control IC for Step-Down
NJU7630 NJRC-NJU7630_12 Datasheet
168Kb / 9P
PWM control Step-Down switching regulator IC
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com