Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA6393D Datasheet (PDF) - Sanyo Semicon Device

LA6393D Datasheet PDF - Sanyo Semicon Device
Part # LA6393D
Download  LA6393D Download
File Size   99.31 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Performance Dual Comparator

LA6393D Datasheet (PDF)

Go To PDF Page Download Datasheet
LA6393D Datasheet PDF - Sanyo Semicon Device

Part # LA6393D
Download  LA6393D Click to download

File Size   99.31 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Performance Dual Comparator

LA6393D Datasheet (HTML) - Sanyo Semicon Device


LA6393D Product details

Overview

The LA6393D and 6393S are high-performance dual comparators that are capable of operating from a single power supply voltage over a wide range of 2 to 36V. Because of their excellent input characteristics and low power, they can be very conveniently applied to multisignal parallel

comparator circuits that require high-density assembly.



Features

• LA6393D : DIP-8 pin package, LA6393S : SIP-9 pin package.

• Wide operating power-supply voltage range (Single power supply : 2.0 to 36.0V, dual power supplies : ±1.0 to ±18.0V).

• Wide common-mode input voltage range (0 to VCC–1.5V).

• Open-collector output enabling wired OR.

• Small current drain (0.6mA) and low power.




Similar Part No. - LA6393D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6393D SANYO-LA6393D Datasheet
163Kb / 5P
High-Performance Dual Comparator
LA6393D SANYO-LA6393D_06 Datasheet
163Kb / 5P
High-Performance Dual Comparator
More results


Similar Description - LA6393D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6393M SANYO-LA6393M Datasheet
87Kb / 4P
High-Performance Dual Comparator
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
High Performance Dual Comparator
logo
Sanyo Semicon Device
LA6339M SANYO-LA6339M_08 Datasheet
207Kb / 5P
High-Performance Quad Comparator
LA6393AM SANYO-LA6393AM Datasheet
138Kb / 6P
For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393AT SANYO-LA6393AT Datasheet
70Kb / 6P
For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393D SANYO-LA6393D_06 Datasheet
163Kb / 5P
High-Performance Dual Comparator
LA6393JM SANYO-LA6393JM Datasheet
194Kb / 5P
High-Performance Dual Comparator
LA6393M SANYO-LA6393M_11 Datasheet
124Kb / 6P
For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393T SANYO-LA6393T Datasheet
161Kb / 5P
High-Performance Dual Comparator
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
High Performance Comparator
Rev.1.00
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com