Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC271 Datasheet (PDF) - Renesas Technology Corp

UPC271 Datasheet PDF - Renesas Technology Corp
Part # UPC271
Download  UPC271 Download
File Size   738.39 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Comparator

UPC271 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC271 Datasheet PDF - Renesas Technology Corp

Part # UPC271
Download  UPC271 Click to download

File Size   738.39 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Comparator

UPC271 Datasheet (HTML) - Renesas Technology Corp


UPC271 Product details

FEATURES
 Input Offset Voltage ±2 mV (TYP.)
 Input Bias Current 100 nA (TYP.)
 Pulse Response Time 200 ns (TYP.)
 Equipped with a Strobe Terminal, ideal for interfacing with logic circuits.
 Two output circuit formats are possible. (open collector, emitter follower)
 Large output current capacity to directly drive the LEDs and lamps.




Similar Part No. - UPC271

ManufacturerPart #DatasheetDescription
logo
NEC
UPC271 NEC-UPC271 Datasheet
115Kb / 2P
Precision Voltage Comparators
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
532Kb / 9P
High Performance Comparator
Rev.2.00 Mar.6.25
logo
NEC
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2710TB NEC-UPC2710TB Datasheet
127Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC2710TB CEL-UPC2710TB Datasheet
320Kb / 14P
5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results


Similar Description - UPC271

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339 Datasheet
88Kb / 4P
High-Performance Quad Comparator
LA6339M SANYO-LA6339M Datasheet
83Kb / 4P
High-Performance Quad Comparator
LA6393D SANYO-LA6393D Datasheet
99Kb / 5P
High-Performance Dual Comparator
LA6393M SANYO-LA6393M Datasheet
87Kb / 4P
High-Performance Dual Comparator
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
High Performance Dual Comparator
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339_08 Datasheet
293Kb / 5P
High-Performance Quad Comparator
LA6339M SANYO-LA6339M_08 Datasheet
207Kb / 5P
High-Performance Quad Comparator
LA6393D SANYO-LA6393D_06 Datasheet
163Kb / 5P
High-Performance Dual Comparator
LA6393JM SANYO-LA6393JM Datasheet
194Kb / 5P
High-Performance Dual Comparator
LA6393T SANYO-LA6393T Datasheet
161Kb / 5P
High-Performance Dual Comparator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com