Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC271 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC271
Description  High Performance Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC271 Datasheet(HTML) 7 Page - Renesas Technology Corp

  UPC271 Datasheet HTML 1Page - Renesas Technology Corp UPC271 Datasheet HTML 2Page - Renesas Technology Corp UPC271 Datasheet HTML 3Page - Renesas Technology Corp UPC271 Datasheet HTML 4Page - Renesas Technology Corp UPC271 Datasheet HTML 5Page - Renesas Technology Corp UPC271 Datasheet HTML 6Page - Renesas Technology Corp UPC271 Datasheet HTML 7Page - Renesas Technology Corp UPC271 Datasheet HTML 8Page - Renesas Technology Corp UPC271 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
UPC271, 311
R03DS0151EJ0100 Rev.1.00
Page 7 of 8
2019.10.1
USE WITH PRECAUTIONS
 Power Supply (Dual Power Supply / Single Power Supply)
The comparator operates when a predetermine voltage is applied between V + - V - . Therefore, while it
operates from a single power supply (V - = GND), it is not possible to operate the input near GND. So please
be careful of the common-mode input voltage range.
 Ratings of input pin voltage
When the voltage of input pin exceeds the absolute maximum rating, the parasitic diode within the IC may
conduct, causing characteristics degradation or damage. Therefore, please use the input pin within the
power supply voltage range. In addition, if it exceeds the power supply voltage, it is recommended to make
a clamping circuit using a diode with low forward voltage (e.g.: Schottky diode) as protection.
 Range of common-mode input voltage
When the power supply voltage does not meet the condition of electrical characteristics, the range of
common-mode input voltage is as follows.
VICM (TYP.) : V - +0.3 to V + -1.2 [V] (TA = 25
C)
During designing, do include some margin by considering characteristics variation and temperature
characteristics, etc.
 Handling of ICs
When stress is added to the ICs due to warpage or bending of a board, the characteristic may fluctuate due
to piezoelectric (piezo) effect. Therefore, please pay attention to warpage or bending of a board.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com