Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC271 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC271
Description  High Performance Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC271 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC271 Datasheet HTML 1Page - Renesas Technology Corp UPC271 Datasheet HTML 2Page - Renesas Technology Corp UPC271 Datasheet HTML 3Page - Renesas Technology Corp UPC271 Datasheet HTML 4Page - Renesas Technology Corp UPC271 Datasheet HTML 5Page - Renesas Technology Corp UPC271 Datasheet HTML 6Page - Renesas Technology Corp UPC271 Datasheet HTML 7Page - Renesas Technology Corp UPC271 Datasheet HTML 8Page - Renesas Technology Corp UPC271 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R03DS0151EJ0100 Rev.1.00
Page 1 of 8
2019.10.1
Datasheet
μPC271, 311
High Performance Comparator
DESCRIPTION
The µPC271 and µPC311 are high-performance general-purpose comparators that have the same input
characteristics as general-purpose operational amplifiers and can directly drive standard logic circuits such as
TTL, CMOS, and HNIL. Its power supply voltage range is flexible whereby it exhibits excellent characteristics
not only in a 5 V single power supply but also in ± 15 V power supply which is equivalent to an operational
amplifier.
These products are equipped with a strobe terminal and input offset adjustment terminals, thus they can be
widely applied to various voltage comparison circuits.
Depending on the operating ambient temperature, the µPC271 is suitable for communication application while
the µPC311 is suitable for general-purpose usage.
FEATURES
 Input Offset Voltage
±2 mV (TYP.)
 Input Bias Current
100 nA (TYP.)
 Pulse Response Time
200 ns (TYP.)
 Equipped with a Strobe Terminal, ideal for interfacing with logic circuits.
 Two output circuit formats are possible. (open collector, emitter follower)
 Large output current capacity to directly drive the LEDs and lamps.
ORDERING INFORMATION
Ordering Name
Package
μPC271G2-A
8-pin plastic SOP ( 5.72 mm ( 225 mil ))
μPC311G2-A
8-pin plastic SOP ( 5.72 mm ( 225 mil))
EQUIVALENT CIRCUIT
PIN CONFIGURATION (Top View)
1
GND
6
V +
II
2
IN
V -
8
OUT
7
4
3
BALANCE/
STROBE
BALANCE
5
+
-
µPC271G2, μPC311G2
Q20
1.3k
R14
D2
Q18
Q19
R17
5.4k
R18
GND
4
R23
600
R22
200
R21
OUT
800
R9
800
R10
Q14
3.7k
R7
IN
II
5.0k
R20
3.0k
R12
R19
300
BALANCE
BALANCE/
STROBE
3.7k
R6
300
R1
300
R2
1.3k
R3
1.3k
R4
100
R5
780
R8
340
R11
R15
1
4
7
8
5
6
2
3
Q2
Q1
Q3
Q4
Q5
Q7
Q6
Q8
Q10
Q9
Q11
Q12
Q13
Q15
Q16
Q17
Q22
Q21
Q23
Q24
V -
V +
D3
D1
1.3k 800
250
R13
900
R16
R03DS0151EJ0100
Rev.1.00
2019.10.1


Similar Part No. - UPC271

ManufacturerPart #DatasheetDescription
logo
NEC
UPC271 NEC-UPC271 Datasheet
115Kb / 2P
Precision Voltage Comparators
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
532Kb / 9P
High Performance Comparator
Rev.2.00 Mar.6.25
logo
NEC
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2710TB NEC-UPC2710TB Datasheet
127Kb / 16P
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
California Eastern Labs
UPC2710TB CEL-UPC2710TB Datasheet
320Kb / 14P
5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results

Similar Description - UPC271

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339 Datasheet
88Kb / 4P
High-Performance Quad Comparator
LA6339M SANYO-LA6339M Datasheet
83Kb / 4P
High-Performance Quad Comparator
LA6393D SANYO-LA6393D Datasheet
99Kb / 5P
High-Performance Dual Comparator
LA6393M SANYO-LA6393M Datasheet
87Kb / 4P
High-Performance Dual Comparator
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
High Performance Dual Comparator
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339_08 Datasheet
293Kb / 5P
High-Performance Quad Comparator
LA6339M SANYO-LA6339M_08 Datasheet
207Kb / 5P
High-Performance Quad Comparator
LA6393D SANYO-LA6393D_06 Datasheet
163Kb / 5P
High-Performance Dual Comparator
LA6393JM SANYO-LA6393JM Datasheet
194Kb / 5P
High-Performance Dual Comparator
LA6393T SANYO-LA6393T Datasheet
161Kb / 5P
High-Performance Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com