Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC271 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC271
Description  High Performance Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC271 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC271 Datasheet HTML 1Page - Renesas Technology Corp UPC271 Datasheet HTML 2Page - Renesas Technology Corp UPC271 Datasheet HTML 3Page - Renesas Technology Corp UPC271 Datasheet HTML 4Page - Renesas Technology Corp UPC271 Datasheet HTML 5Page - Renesas Technology Corp UPC271 Datasheet HTML 6Page - Renesas Technology Corp UPC271 Datasheet HTML 7Page - Renesas Technology Corp UPC271 Datasheet HTML 8Page - Renesas Technology Corp UPC271 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UPC271, 311
R03DS0151EJ0100 Rev.1.00
Page 5 of 8
2019.10.1
0
10
20
30
40
50
60
-1.0
-0.5
0
0.5
1.0
Differential Input Voltage VID [mV]
VO vs. VID
Emitter follower
output
RL = 600 Ω
V + = 30 V
Open collector
output
RL = 1 kΩ
VRL = 40 V
Overdrive 20 mV
5 mV
2mV
20 mV
5 mV
Overdrive 2 mV
0
1
2
3
4
5
0
0.1 0.2 0.3 0.4 0.5 0.6
Time t [μs]
Pulse Response Characteristics I
100
10
0
-10
-20
0
0.2
0.4
0.6
V ± = ±15 V
V +
V -
VO
VI
500 Ω
+5 V
-
+
Overdrive 20 mV
5 mV
2 mV
Overdrive 20 mV
5 mV
2 mV
0
1
2
3
4
5
0
0.1 0.2 0.3 0.4 0.5 0.6
Time t [μs]
Pulse Response Characteristics II
20
10
0
-10
-100
V ± = ±15 V
V +
V -
VO
VI
500 Ω
+5 V
-
+
0
0.2
0.4
0.6
Overdrive
20 mV
5 mV
2 mV
Overdrive 20 mV
5 mV
2 mV
-15
-10
-5
0
5
10
15
0 0.5 1 1.5 2 2.5 3 3.5 4
Time t [μs]
Pulse Response Characteristics III
20
10
0
-10
-100
V ± = ±15 V
V +
V -
VO
VI
2 kΩ
-
+
0
1
2
3
4
Overdrive 20 mV
5 mV
2 mV
20 mV
5 mV
Overdrive 2 mV
-15
-10
-5
0
5
10
15
00.511.522.533.5 4
Time t [μs]
Pulse Response Characteristics IV
100
10
0
-10
-20
V ± = ±15 V
V +
V -
VO
VI
2 kΩ
-
+
0
1
2
3
4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
1020304050
Output Current IO [mA]
VOL vs. IO



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com