Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC271 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC271
Description  High Performance Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC271 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC271 Datasheet HTML 1Page - Renesas Technology Corp UPC271 Datasheet HTML 2Page - Renesas Technology Corp UPC271 Datasheet HTML 3Page - Renesas Technology Corp UPC271 Datasheet HTML 4Page - Renesas Technology Corp UPC271 Datasheet HTML 5Page - Renesas Technology Corp UPC271 Datasheet HTML 6Page - Renesas Technology Corp UPC271 Datasheet HTML 7Page - Renesas Technology Corp UPC271 Datasheet HTML 8Page - Renesas Technology Corp UPC271 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UPC271, 311
R03DS0151EJ0100 Rev.1.00
Page 4 of 8
2019.10.1
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25
C, TYP.) (Reference Value)
μPC271G2, 311G2
227
C/W
0
100
200
300
400
500
600
0
20406080
100
Operating Ambient Temperature TA [C]
PT vs. TA (Absolute Maximum Rating)
5,6-8 pin short
0
20
40
60
80
100
-50
0
50
100
150
Operating Ambient Temperature TA [C]
IB vs. TA
V ± = ±15 V
5,6-8 pin short
-20
-10
0
10
20
-50
0
50
100
150
Operating Ambient Temperature TA [C]
IIO vs. TA
V ± = ±15 V
TYP.
MAX.
1
10
100
10k
100k
1M
10M
Input Resistance RS [Ω]
VOS vs. RS
VOS = VIO + RS ・ IIO
5,6-8 pin short
0
25
50
75
100
125
150
175
200
225
-16 -12
-8
-4
0
4
8
12
16
Differential Input Voltage VID [V]
IB vs. VID
V ± = ±15 V
-0.2
0
0.2
0.4
0.6
0.8
1
-1.5
-1.0
-0.5
-50
0
50
100
150
Operating Ambient Temperature TA [C]
VICM vs. TA
V +
+0.2
V -
-0.2
電源電圧基準
Referred to supply voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com