Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA6516 Datasheet (PDF) - Sanyo Semicon Device

LA6516 Datasheet PDF - Sanyo Semicon Device
Part # LA6516
Download  LA6516 Download
File Size   80.34 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two-Output Power Amplifier

LA6516 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA6516 Datasheet PDF - Sanyo Semicon Device

Part # LA6516
Download  LA6516 Click to download

File Size   80.34 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two-Output Power Amplifier

LA6516 Datasheet (HTML) - Sanyo Semicon Device


LA6516 Product details

Overview
The LA6516 is a two-output power amplifier developed for use in both consumer and industrial equipment.

Functions
• High slew rate (1.0 V/µs)
• High output current (IO max = 1.0 A)
• Current limiter function
• Wide operating voltage range (±2 to 18 V)
• Supports single-voltage power supply operation (4 to 36 V)
• Thermal shutdown function
• Muting circuit (Functions for both channels; when the mute input is high the output will be on.)




Similar Part No. - LA6516

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6510 SANYO-LA6510 Datasheet
68Kb / 4P
1A Power Operational Amplifier
LA6510 SANYO-LA6510 Datasheet
201Kb / 6P
Dual Power Operational Amplifier
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
Dual Power Operational Amplifier
LA6511 SANYO-LA6511 Datasheet
57Kb / 3P
Power Operational Amplifier
LA6512 SANYO-LA6512 Datasheet
77Kb / 4P
High-Voltage Dual Power Operational Amplifiers?
More results


Similar Description - LA6516

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4620 SANYO-LA4620 Datasheet
243Kb / 8P
Two- channel Audio Power Amplifier
LA4627 SANYO-LA4627 Datasheet
64Kb / 6P
Two-Channel Audio Frequency Power Amplifier
LA4629 SANYO-LA4629 Datasheet
63Kb / 6P
Two-Channel Audio Frequency Power Amplifier
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
Two output channels
logo
Microchip Technology
DSC612NI3A-010T MICROCHIP-DSC612NI3A-010T Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
DSC612NL3A-019A MICROCHIP-DSC612NL3A-019A Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
July 10, 2019 Revision 1.0
DSC612PI2A-012Q MICROCHIP-DSC612PI2A-012Q Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
DSC612PI3A-010J MICROCHIP-DSC612PI3A-010J Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
DSC612RA3A-010S MICROCHIP-DSC612RA3A-010S Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 29, 2018 Revision 1.0
DSC612RI1A-012M MICROCHIP-DSC612RI1A-012M Datasheet
1Mb / 5P
Two-Output Low Power MEMS Clock Generator
November 15, 2018 Revision 1.0
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com