Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4620 Datasheet (PDF) - Sanyo Semicon Device

LA4620 Datasheet PDF - Sanyo Semicon Device
Part # LA4620
Download  LA4620 Download
File Size   243.83 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two- channel Audio Power Amplifier

LA4620 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4620 Datasheet PDF - Sanyo Semicon Device

Part # LA4620
Download  LA4620 Click to download

File Size   243.83 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two- channel Audio Power Amplifier

LA4620 Datasheet (HTML) - Sanyo Semicon Device


LA4620 Product details

Overview
The LA4620 is a two-channel high-power audio amplifier for automotive stereo and general-purpose audio amplification equipment.
The LA4620 has a 6 to 22V operating supply voltage range. Each channel uses a bridge configuration to obtain high output power from low supply voltages. Typical output power is 17W per channel.
The LA4620 incorporates a thermal protection circuit, an output short-circuit protection circuit and a pop suppres sion circuit. It has low-power, logic-level standby control and mute control inputs.
The LA4620 is available in 23-pin SIPs and operates from a 15V supply.

Features
• 17W output power per channel.
• 6 to 22V supply voltage range.
• Pop suppression.
• Logic-controlled standby mode.
• Thermal protection.
• Short-circuit protection.
• 60dB channel separation.
• 58dB supply voltage ripple rejection.
• 0.2% harmonic distortion.
• 23-pin SIP.




Similar Part No. - LA4620

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
Two-Channel 13.5 W BTL Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
146Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625 ONSEMI-LA4625 Datasheet
234Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
May, 2013
LA4625-E ONSEMI-LA4625-E Datasheet
200Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625_08 Datasheet
146Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
More results


Similar Description - LA4620

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
Two-Channel 13.5 W BTL Audio Power Amplifier
LA4627 SANYO-LA4627 Datasheet
64Kb / 6P
Two-Channel Audio Frequency Power Amplifier
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
Two-Channel 20 W BTL Audio Power Amplifier
LA4629 SANYO-LA4629 Datasheet
63Kb / 6P
Two-Channel Audio Frequency Power Amplifier
LA4663 SANYO-LA4663 Datasheet
113Kb / 10P
Two-Channel 16-W BTL General-Purpose Audio Power Amplifier
STK402-070 SANYO-STK402-070 Datasheet
64Kb / 6P
Two-Channel Class AB Audio Power Amplifier IC 40W 40W
STK412-010 SANYO-STK412-010 Datasheet
58Kb / 4P
Two-Channel Shift Power Supply Audio Power Amplifier ICs(70W 70 W)
STK412-150 SANYO-STK412-150 Datasheet
394Kb / 5P
Two-Channel Shift Power Supply Audio Power Amplifier ICs 150W 150 W
STK412-170 SANYO-STK412-170 Datasheet
62Kb / 4P
Two-Channel Shift Power Supply Audio Power Amplifier ICs
STK412-090 SANYO-STK412-090 Datasheet
53Kb / 4P
Two-Channel Shift Power Supply Audio Power Amplifier ICs 50W 50 W
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com