Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4663 Datasheet (PDF) - Sanyo Semicon Device

LA4663 Datasheet PDF - Sanyo Semicon Device
Part # LA4663
Download  LA4663 Download
File Size   113.02 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two-Channel 16-W BTL General-Purpose Audio Power Amplifier

LA4663 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4663 Datasheet PDF - Sanyo Semicon Device

Part # LA4663
Download  LA4663 Click to download

File Size   113.02 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two-Channel 16-W BTL General-Purpose Audio Power Amplifier

LA4663 Datasheet (HTML) - Sanyo Semicon Device


LA4663 Product details

Overview
The LA4663 is a BTL 2-channel power amplifier IC that was developed for ease of use in general audio applications. In addition to providing improvements in a wide range of electrical characteristics, the LA4663 aims for improved listenability and an excellent cost performance ratio.

Features
• Wide operating supply voltage range (VCCop): 5.5 to
   22 V (Certain conditions may apply.)
• High ripple rejection ratio: 60 dB (typical)
• Power: 16 W × 2 (VCC = 15 V/6Ω),
   13 W × 2 (VCC = 12 V/4Ω), 6.5 W × 2 (VCC = 9 V/4Ω)
• Built-in signal muting circuit (AC muting) reduces the
   number of external components and provides muting
   with minimal switching noise.
• Startup circuit with a start time of 0.6 to 0.7 seconds.
   The LA4663 provides distortion-free startup, since
   output is only generated after the supply voltage reaches
   the midpoint at power on.
   (The startup time can be modified in end products by
   using this circuit in conjunction with the muting circuit
   described above.)
• Full complement of built-in protection circuits
   (protection from shorting to ground, shorting to VCC,
   load shorting, and overheating)
• High audio quality, minimal impulse noise

Applications
   Radio/cassette players with built-in CD/MD players,
   microcomponent stereo systems, active speakers,
   electronic musical instruments, and other audio devices.




Similar Part No. - LA4663

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
Audio Power Amplifier for Radio Cassette Recorders
LA4620 SANYO-LA4620 Datasheet
243Kb / 8P
Two- channel Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
Two-Channel 13.5 W BTL Audio Power Amplifier
More results


Similar Description - LA4663

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
30 W BTL audio power amplifier
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
1-W BTL audio power amplifier
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
Two-Channel 13.5 W BTL Audio Power Amplifier
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
Two-Channel 20 W BTL Audio Power Amplifier
LA4636 SANYO-LA4636 Datasheet
28Kb / 3P
For General Audio Use 11 W 2-Channel BTL AF Power Amplifier
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
18 W BTL Audio Power Amplifier
logo
Sanyo Semicon Device
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
Four-Channel 45 W BTL Car Audio Power Amplifier
LA4632 SANYO-LA4632 Datasheet
78Kb / 8P
10 W Two-Channel BTL AF Power Amplifier for Audio Applications
logo
NXP Semiconductors
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
3 W BTL audio amplifier
Rev. 02-12 October 2007
SA58631 PHILIPS-SA58631_15 Datasheet
138Kb / 21P
3 W BTL audio amplifier
Rev. 02-12 October 2007
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com