Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4632 Datasheet (PDF) - Sanyo Semicon Device

LA4632 Datasheet PDF - Sanyo Semicon Device
Part # LA4632
Download  LA4632 Download
File Size   78.8 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 10 W Two-Channel BTL AF Power Amplifier for Audio Applications

LA4632 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4632 Datasheet PDF - Sanyo Semicon Device

Part # LA4632
Download  LA4632 Click to download

File Size   78.8 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 10 W Two-Channel BTL AF Power Amplifier for Audio Applications

LA4632 Datasheet (HTML) - Sanyo Semicon Device




Similar Part No. - LA4632

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4630N SANYO-LA4630N Datasheet
251Kb / 7P
9V/12V 3-Dimension Power IC for Radio Cassette Recorders
LA4631 SANYO-LA4631 Datasheet
153Kb / 6P
For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631-E SANYO-LA4631-E Datasheet
153Kb / 6P
For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier
May, 2013
More results


Similar Description - LA4632

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
Two-Channel 13.5 W BTL Audio Power Amplifier
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
Two-Channel 20 W BTL Audio Power Amplifier
LA4636 SANYO-LA4636 Datasheet
28Kb / 3P
For General Audio Use 11 W 2-Channel BTL AF Power Amplifier
LA4663 SANYO-LA4663 Datasheet
113Kb / 10P
Two-Channel 16-W BTL General-Purpose Audio Power Amplifier
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4906 SANYO-LA4906 Datasheet
362Kb / 10P
17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems
LA4635A SANYO-LA4635A Datasheet
34Kb / 3P
For General Audio Use 2-Channel BTL AF Power Amplifier
LA4631 SANYO-LA4631 Datasheet
153Kb / 6P
For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631-E SANYO-LA4631-E Datasheet
153Kb / 6P
For Audio Applications 5W 2-Channel AF Power Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com