Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4635A Datasheet (PDF) - Sanyo Semicon Device

LA4635A Datasheet PDF - Sanyo Semicon Device
Part # LA4635A
Download  LA4635A Download
File Size   34.24 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For General Audio Use 2-Channel BTL AF Power Amplifier

LA4635A Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4635A Datasheet PDF - Sanyo Semicon Device

Part # LA4635A
Download  LA4635A Click to download

File Size   34.24 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For General Audio Use 2-Channel BTL AF Power Amplifier

LA4635A Datasheet (HTML) - Sanyo Semicon Device


LA4635A Product details

Overview

The LA4635A is a 2-channel power IC that is pin-compatible with the LA4636. It represents a new concept in devices of this type by allowing design editing based on common circuit board pin compatibility for products of different power ranks. It is compatible with VCC= 9 V and VCC= 12 V specifications and is available in two versions with different voltage gains (LA4635A with VG = 35 dB

and LA4635B with VG = 45 dB).



 




Similar Part No. - LA4635A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4635 SANYO-LA4635 Datasheet
25Kb / 3P
2-Channel BTL AF Power Amplifier
LA4635B SANYO-LA4635B Datasheet
25Kb / 3P
2-Channel BTL AF Power Amplifier
More results


Similar Description - LA4635A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4635B SANYO-LA4635B Datasheet
25Kb / 3P
2-Channel BTL AF Power Amplifier
LA4636 SANYO-LA4636 Datasheet
28Kb / 3P
For General Audio Use 11 W 2-Channel BTL AF Power Amplifier
LA4906 SANYO-LA4906 Datasheet
362Kb / 10P
17-W, 2-Channel BTL AF High-Efficiency Power Amplifier for Car Audio Systems
LA4632 SANYO-LA4632 Datasheet
78Kb / 8P
10 W Two-Channel BTL AF Power Amplifier for Audio Applications
LA4628 SANYO-LA4628_08 Datasheet
131Kb / 8P
For General Audio 20W 2-Channel BTL Power Amplifier
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
LA4625-E ONSEMI-LA4625-E Datasheet
200Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
Jan-2011, Rev. 0
LA4625 ONSEMI-LA4625 Datasheet
234Kb / 8P
2-channel 13.5W BTL Audio Power Amplifier
May, 2013
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com