Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4631VC Datasheet (PDF) - Sanyo Semicon Device

LA4631VC Datasheet PDF - Sanyo Semicon Device
Part # LA4631VC
Download  LA4631VC Download
File Size   427.52 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For Home Audio Use 2-Channel SE AF Power Amplifier

LA4631VC Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4631VC Datasheet PDF - Sanyo Semicon Device

Part # LA4631VC
Download  LA4631VC Click to download

File Size   427.52 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description For Home Audio Use 2-Channel SE AF Power Amplifier

LA4631VC Datasheet (HTML) - Sanyo Semicon Device


LA4631VC Product details

Overview

The LA4631VC built-in a 2 channel single-ended output power amplifier that a power supply voltage range is wide and has additionally the standby function to reduce the current drain. It is a power amplifier IC suitable for driving speaker of various audio system equipments, which is especially useful for products that use batteries.



Functions

• Output power = 4.5W (typical) (VCC = 12V, RL = 3Ω, THD+N = 10%)

• Built in standby function (Pin5)

• Built in thermal suht down circuit



 




Similar Part No. - LA4631VC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier
May, 2013
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
More results


Similar Description - LA4631VC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4275 SANYO-LA4275 Datasheet
42Kb / 2P
6.0 W AF Power Amplifier for Home Stereo, TV Use
LA4280 SANYO-LA4280 Datasheet
64Kb / 3P
2-Channel 10W AF Power Amp for Home Stereo, TV Use
LA4282 SANYO-LA4282 Datasheet
151Kb / 6P
2-Channel 10 W AF Power Amplifier for Use in Home Stereo, TV Applications
LA4636 SANYO-LA4636 Datasheet
28Kb / 3P
For General Audio Use 11 W 2-Channel BTL AF Power Amplifier
logo
List of Unclassifed Man...
2SD733 ETC-2SD733 Datasheet
94Kb / 1P
For AF Power Amplifier Use
logo
Sanyo Semicon Device
LA4635A SANYO-LA4635A Datasheet
34Kb / 3P
For General Audio Use 2-Channel BTL AF Power Amplifier
LA4631 SANYO-LA4631 Datasheet
153Kb / 6P
For Audio Applications 5W 2-Channel AF Power Amplifier
LA4631-E SANYO-LA4631-E Datasheet
153Kb / 6P
For Audio Applications 5W 2-Channel AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
LA4631VC ONSEMI-LA4631VC Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com