Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4282 Datasheet (PDF) - Sanyo Semicon Device

LA4282 Datasheet PDF - Sanyo Semicon Device
Part # LA4282
Download  LA4282 Download
File Size   151.3 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Channel 10 W AF Power Amplifier for Use in Home Stereo, TV Applications

LA4282 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4282 Datasheet PDF - Sanyo Semicon Device

Part # LA4282
Download  LA4282 Click to download

File Size   151.3 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Channel 10 W AF Power Amplifier for Use in Home Stereo, TV Applications

LA4282 Datasheet (HTML) - Sanyo Semicon Device


LA4282 Product details

Overview
The LA4282 is an IC which seals a high-output power amplifier for TVs and monitors in a compact package.

Features
. High-power 2-channel AF power amplifier
. Low distortion
. Minimum number of external parts required
   (no bootstrap capacitor required)
. Low pop noise at the time of power supply ON/OFF
. Good ripple rejection (58 dB typ)
. Wide operating voltage range
. External muting available
. On-chip protector against abnormality
   (thermal shutdown, overvoltage)




Similar Part No. - LA4282

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA4282 ONSEMI-LA4282 Datasheet
167Kb / 7P
8-bit Withstand Voltage Microcontroller
July 2015- Rev. 0
More results


Similar Description - LA4282

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4260 SANYO-LA4260 Datasheet
243Kb / 8P
2.5 W 2-Channel AF Power Amplifier for Home Stereos and Music Centers
LA4261 SANYO-LA4261 Datasheet
229Kb / 8P
3.5 W 2-Channel AF Power Amplifier for Home Stereos and Music Centers
LA4275 SANYO-LA4275 Datasheet
42Kb / 2P
6.0 W AF Power Amplifier for Home Stereo, TV Use
LA4280 SANYO-LA4280 Datasheet
64Kb / 3P
2-Channel 10W AF Power Amp for Home Stereo, TV Use
LA4450 SANYO-LA4450 Datasheet
473Kb / 7P
Two Channel Power IC for Bus or Track Use in TV and Home Audio Applications
LA4636 SANYO-LA4636 Datasheet
28Kb / 3P
For General Audio Use 11 W 2-Channel BTL AF Power Amplifier
LA4632 SANYO-LA4632 Datasheet
78Kb / 8P
10 W Two-Channel BTL AF Power Amplifier for Audio Applications
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
logo
Siemens Semiconductor G...
TDA4930 SIEMENS-TDA4930 Datasheet
580Kb / 14P
Stereo/Bridge AF Amplifier 2 x 10 W/20 W
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com