Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4450 Datasheet (PDF) - Sanyo Semicon Device

LA4450 Datasheet PDF - Sanyo Semicon Device
Part # LA4450
Download  LA4450 Download
File Size   473.82 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two Channel Power IC for Bus or Track Use in TV and Home Audio Applications

LA4450 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4450 Datasheet PDF - Sanyo Semicon Device

Part # LA4450
Download  LA4450 Click to download

File Size   473.82 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Two Channel Power IC for Bus or Track Use in TV and Home Audio Applications

LA4450 Datasheet (HTML) - Sanyo Semicon Device


LA4450 Product details

Overview
The LA4450 is a single package 2-channel power Amplifier thatsupports an operating voltage of 26V. It is particularly well suited for use as the bus and track power IC in car stereo applications. Additionally, since the LA4450 can drive 4Ω loads, it can be used effectively in high-power high-end products. Furthermore, since it supports a high operating voltage and has low distortion, it is also optimal for use in TV and home audio products.

Features
• Two channels in a single package
• PO= 12W×2 (VCC= 26.4V, RL= 8Ω, THD = 10%)
• PO= 20W×2 (VCC= 26.4V, RL= 4Ω, THD = 10%)
• Can drive 4Ωspeakers
• Built-in standby switch
• Minimizes impulse noises

Functions
• Standby switch (active on high (+5V) input)
• On-chip impulse noise protection circuit
• On-chip thermal protection circuit
• On-chip overvoltage and surge protection circuits




Similar Part No. - LA4450

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA4450 ONSEMI-LA4450 Datasheet
134Kb / 8P
Power Amplifier
July, 2013
LA4450-E ONSEMI-LA4450-E Datasheet
134Kb / 8P
Power Amplifier
July, 2013
LA4450F-E ONSEMI-LA4450F-E Datasheet
134Kb / 8P
Power Amplifier
July, 2013
LA4450L-E ONSEMI-LA4450L-E Datasheet
134Kb / 8P
Power Amplifier
July, 2013
logo
Sanyo Semicon Device
LA4450 SANYO-LA4450_10 Datasheet
224Kb / 7P
For Bus and Track in Car Stereo 2-Channel Power Amplifier
More results


Similar Description - LA4450

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4280 SANYO-LA4280 Datasheet
64Kb / 3P
2-Channel 10W AF Power Amp for Home Stereo, TV Use
LA4282 SANYO-LA4282 Datasheet
151Kb / 6P
2-Channel 10 W AF Power Amplifier for Use in Home Stereo, TV Applications
logo
Princeton Technology Co...
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
Stereo Audio Processor for Home/TV Audio
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
Stereo Audio Processor for Home/TV Audio
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
Stereo Audio Processor for Home TV Audio
logo
Sanyo Semicon Device
LA4450 SANYO-LA4450_10 Datasheet
224Kb / 7P
For Bus and Track in Car Stereo 2-Channel Power Amplifier
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
For Home Audio Use 2-Channel SE AF Power Amplifier
LA75501V SANYO-LA75501V_07 Datasheet
204Kb / 10P
For Use in TV/VTR Applications VIF/SIF Signal Processing IC
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com