Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA4450 Datasheet (PDF) - ON Semiconductor

LA4450 Datasheet PDF - ON Semiconductor
Part # LA4450
Download  LA4450 Download
File Size   134.08 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Amplifier

LA4450 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4450 Datasheet PDF - ON Semiconductor

Part # LA4450
Download  LA4450 Click to download

File Size   134.08 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Amplifier

LA4450 Datasheet (HTML) - ON Semiconductor


LA4450 Product details

Overview
The LA4450 is a single package 2-channel power Amplifier that supports an operating voltage of 26V. It is particularly well suited for use as the bus and track power IC in car stereo applications. Additionally, since the LA4450 can drive 4 loads, it can be used effectively in high-power high-end products. Furthermore, since it supports a high operating voltage and has low distortion, it is also optimal for use in TV and home audio products.

Features
• Two channels in a single package
• PO = 12W2 (VCC = 26.4V, RL = 8, THD = 10%)
• PO = 20W2 (VCC = 26.4V, RL = 4, THD = 10%)
• Can drive 4 speakers
• Built-in standby switch
• Minimizes impulse noises

Functions
• Standby switch (active on high (+5V) input)
• On-chip impulse noise protection circuit
• On-chip thermal protection circuit
• On-chip overvoltage and surge protection circuits




Similar Part No. - LA4450

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4450 SANYO-LA4450 Datasheet
473Kb / 7P
Two Channel Power IC for Bus or Track Use in TV and Home Audio Applications
LA4450 SANYO-LA4450_10 Datasheet
224Kb / 7P
For Bus and Track in Car Stereo 2-Channel Power Amplifier
More results


Similar Description - LA4450

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
POWER AMPLIFIER
logo
RFHIC
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
Power Amplifier
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
Power Amplifier
logo
M/A-COM Technology Solu...
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
Power Amplifier
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
Amplifier, Power
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
Power Amplifier
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
Power Amplifier
Oct-2017
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com