Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8133 Datasheet (PDF) - STMicroelectronics

TDA8133 Datasheet PDF - STMicroelectronics
Part # TDA8133_09
Download  TDA8133 Download
File Size   185.26 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5.1 V and 8 V dual voltage regulator with disable and reset functions

TDA8133 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA8133 Datasheet PDF - STMicroelectronics

Part # TDA8133_09
Download  TDA8133 Click to download

File Size   185.26 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5.1 V and 8 V dual voltage regulator with disable and reset functions

TDA8133 Datasheet (HTML) - STMicroelectronics


TDA8133 Product details

Description
The TDA8133 and the TDA8133D are monolithic dual positive voltage regulators designed to provide fixed precision output voltages of 5.1 V and 8.0 V for currents up to 750 mA.
An internal reset circuit generates a reset pulse when the voltage of output 1 drops below the regulated voltage value.
Output 2 can be disabled via the TTL input.
Short-circuit and thermal protections are included in all versions.

Features
■ Input voltage range: 7 V to 18 V
■ Output currents up to 750 mA
■ Fixed precision output 1 voltage: 5.1 V ±2%
■ Fixed precision output 2 voltage: 8 V ±2%
■ Output 1 with reset function
■ Output 2 with disable function by TTL Input
■ Short-circuit protection at both outputs
■ Thermal protection
■ Low dropout voltage




Similar Part No. - TDA8133_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
More results


Similar Description - TDA8133_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
Jul-1993
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
logo
Integral Corp.
ILA8137 INTEGRAL-ILA8137 Datasheet
133Kb / 2P
5.1 V 5.1 V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
STV8163 STMICROELECTRONICS-STV8163 Datasheet
113Kb / 11P
3.3 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
Sep-2003
STV8162 STMICROELECTRONICS-STV8162 Datasheet
870Kb / 12P
5 V, 5 V and 8 V Triple-Voltage Regulator with Disable and Reset Functions
Feb-2004
logo
KODENSHI_AUK CORP.
KKA8137 KODENSHI-KKA8137 Datasheet
155Kb / 4P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
STV8162 STMICROELECTRONICS-STV8162_09 Datasheet
215Kb / 14P
5 V, 5 V and 8 V triple voltage regulator with disable and reset functions
04-Mar-2009
TDA8139 STMICROELECTRONICS-TDA8139_V01 Datasheet
188Kb / 14P
Double (5.1 V and adjustable) voltage regulator with reset and disable functions
25-Feb-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com