Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4903 Datasheet (PDF) - STMicroelectronics

L4903 Datasheet PDF - STMicroelectronics
Part # L4903
Download  L4903 Download
File Size   140.08 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS

L4903 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4903 Datasheet PDF - STMicroelectronics

Part # L4903
Download  L4903 Click to download

File Size   140.08 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS

L4903 Datasheet (HTML) - STMicroelectronics


L4903 Product details

DESCRIPTION
The L4903 is a monolithic low drop dual 5 V regulatordesigned mainly for supplying microprocessor systems.
Reset, data save functions and remote switch on/off controlcan be realized.

■ OUTPUT CURRENTS : I01 = 50mA I02 = 100mA
■ FIXED PRECISION OUTPUT VOLTAGE 5V ± 2 %
■ RESET FUNCTION CONTROLLED BY INPUT VOLTAGE AND OUTPUT 1 VOLTAGE
■ RESET FUNCTION EXTERNALLY PROGRAMMABLE TIMING
■ RESET OUTPUT LEVEL RELATED TO OUTPUT 2
■ OUTPUT 2 INTERNALLY SWITCHED WITH ACTIVE DISCHARGING
■ OUTPUT 2 DISABLE LOGICAL INPUT
■ LOW LEAKAGE CURRENT, LESS THAN 1µA AT OUTPUT 1
■ INPUT OVERVOLTAGE PROTECTION UP TO 60V
■ RESET OUTPUT NORMALLY LOW
■ OUTPUT TRANSISTORS SOA PROTECTION
■ SHORT CIRCUIT AND THERMAL OVERLOAD PROTECTION




Similar Part No. - L4903

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4901 STMICROELECTRONICS-L4901 Datasheet
133Kb / 10P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4901A STMICROELECTRONICS-L4901A Datasheet
133Kb / 10P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4902A STMICROELECTRONICS-L4902A Datasheet
113Kb / 9P
DUAL 5V REGULATOR WITH RESET AND DISABLE
Jun-2000
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4909 STMICROELECTRONICS-L4909 Datasheet
61Kb / 7P
EXTERNALLY ADJUSTABLE MULTIFUNCTION REGULATOR
May-2000
More results


Similar Description - L4903

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4902A STMICROELECTRONICS-L4902A Datasheet
113Kb / 9P
DUAL 5V REGULATOR WITH RESET AND DISABLE
Jun-2000
TDA8137 STMICROELECTRONICS-TDA8137 Datasheet
81Kb / 5P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
Sep-1993
STV8164 STMICROELECTRONICS-STV8164 Datasheet
110Kb / 11P
5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
STV8130AD STMICROELECTRONICS-STV8130AD Datasheet
135Kb / 12P
ADJUSTABLE AND 3.3 V DUAL VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
STV8163 STMICROELECTRONICS-STV8163 Datasheet
113Kb / 11P
3.3 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
Sep-2003
logo
KODENSHI_AUK CORP.
KKA8133A KODENSHI-KKA8133A Datasheet
101Kb / 4P
DUAL 5.1V 8V REGULATOR WITH DISABLE AND RESET
KKA8137 KODENSHI-KKA8137 Datasheet
155Kb / 4P
DUAL 5.1V REGULATOR WITH DISABLE AND RESET
logo
STMicroelectronics
TDA8133 STMICROELECTRONICS-TDA8133_03 Datasheet
133Kb / 13P
5.1 V AND 8 V DUAL-VOLTAGE REGULATOR WITH DISABLE AND RESET FUNCTIONS
Sep-2003
TDA8133 STMICROELECTRONICS-TDA8133_09 Datasheet
185Kb / 14P
5.1 V and 8 V dual voltage regulator with disable and reset functions
05-Mar-2009
TDA8139 STMICROELECTRONICS-TDA8139_V01 Datasheet
188Kb / 14P
Double (5.1 V and adjustable) voltage regulator with reset and disable functions
25-Feb-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com