Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4901 Datasheet (PDF) - STMicroelectronics

L4901 Datasheet PDF - STMicroelectronics
Part # L4901
Download  L4901 Download
File Size   133.81 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 5V REGULATOR WITH RESET

L4901 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4901 Datasheet PDF - STMicroelectronics

Part # L4901
Download  L4901 Click to download

File Size   133.81 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL 5V REGULATOR WITH RESET

L4901 Datasheet (HTML) - STMicroelectronics


L4901 Product details

DESCRIPTION

The L4901A is a monolithic low drop dual 5V regulatordesignedmainly for supplying microproc essor systems.

Reset and data save functionsduring switch on/off can be realized.



. OUTPUT CURRENTS : I01 = 400mA I0 2 = 400mA

. FIXED PRECISION OUTPUT VOLTAGE 5V ± 2%

. RESET FUNCTION CONTROLLED BY INPUT VOLTAGE AND OUTPUT 1 VOLTAGE

. RESET FUNCTION EXTERNALLY PROGRAMMABLE TIMING

. RESET OUTPUT LEVEL RELATED TO OUT PUT 2

. OUTPUT 2 INTERNALLY SWITCHED WITH ACTIVE DISCHARGING

. LOW LEAKAGE CURRENT, LESS THAN 1µA AT OUTPUT 1

. LOW QUIESCENT CURRENT (Input 1)

. INPUT OVERVOLTAGE PROTECTION UP TO 60V

. RESET OUTPUT HIGH

. OUTPUT TRANSISTORS SO A PROTECTION

. SHORT CIRCUIT AND THERMAL OVER LOAD PROTECTION



 




Similar Part No. - L4901

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4902A STMICROELECTRONICS-L4902A Datasheet
113Kb / 9P
DUAL 5V REGULATOR WITH RESET AND DISABLE
Jun-2000
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
Jul-1993
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
DUAL 5V REGULATOR WITH RESET
Jun-2000
L4909 STMICROELECTRONICS-L4909 Datasheet
61Kb / 7P
EXTERNALLY ADJUSTABLE MULTIFUNCTION REGULATOR
May-2000
More results


Similar Description - L4901

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5290P MITSUBISHI-M5290P Datasheet
147Kb / 5P
-5V TRACKING REGULATOR WITH RESET CIRCUIT
M5292P MITSUBISHI-M5292P Datasheet
151Kb / 5P
-5V TRACKING REGULATOR WITH RESET CIRCUIT?
logo
STMicroelectronics
L4902A STMICROELECTRONICS-L4902A Datasheet
113Kb / 9P
DUAL 5V REGULATOR WITH RESET AND DISABLE
Jun-2000
L4903 STMICROELECTRONICS-L4903 Datasheet
140Kb / 8P
DUAL 5V REGULATOR WITH RESET AND DISABLE FUNCTIONS
Jul-1993
L4904A STMICROELECTRONICS-L4904A Datasheet
96Kb / 9P
DUAL 5V REGULATOR WITH RESET
Jun-2000
logo
Toshiba Semiconductor
TA8001S TOSHIBA-TA8001S Datasheet
232Kb / 7P
5V VOLTAGE REGULATOR WITH RESET TIMER
TA8002S TOSHIBA-TA8002S Datasheet
253Kb / 7P
5V VOLTAGE REGULATOR WITH RESET TIMER
logo
Cherry Semiconductor Co...
CS403 CHERRY-CS403 Datasheet
158Kb / 6P
5V, 750mA Linear Regulator with RESET
Rev. 2/18/98
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
logo
Renesas Technology Corp
M5290P RENESAS-M5290P Datasheet
1Mb / 6P
5V TRACKING REGULATOR WITH RESET CIRCUIT
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com