Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4901 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4901
Description  DUAL 5V REGULATOR WITH RESET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4901 Datasheet(HTML) 4 Page - STMicroelectronics

  L4901 Datasheet HTML 1Page - STMicroelectronics L4901 Datasheet HTML 2Page - STMicroelectronics L4901 Datasheet HTML 3Page - STMicroelectronics L4901 Datasheet HTML 4Page - STMicroelectronics L4901 Datasheet HTML 5Page - STMicroelectronics L4901 Datasheet HTML 6Page - STMicroelectronics L4901 Datasheet HTML 7Page - STMicroelectronics L4901 Datasheet HTML 8Page - STMicroelectronics L4901 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TEST CIRCUIT
APPLICATION INFORMATION
In power supplies for
µP systems it is necessaryto
provide power continuously to avoid loss of infor-
mation in memories and in time of day clocks, or to
save datawhen the primary supply is removed.The
L4901A makes it very easy to supply such equip-
ments ; it provides two voltage regulators (both 5 V
high precision) with separate inputs plus a reset
output for the data save function.
CIRCUIT OPERATION (see Figure 1)
After switch on Reg. 1 saturates until V01 rises to
the nominal value.
When the input 2 reaches VIT and the output 1 is
higher than VRT the output 2 (V02) switches on and
the reset output (VR) also goes high after a pro-
grammable time TRD (timing capacitor).
V02 and VR are switched togetherat low level when
one of the following conditions occurs :
- an input overvoltage
- an overload on the output 1 (V01 <VRT);
- a switch off (VIN <VIT -VITH);
and they start again as before when the condition
is removed.
An overload on output 2 does not switch Reg. 2,
and does not influence Reg. 1.
The V01 output features :
- 5 V internal reference without voltage divider
between the output and the error comparator ;
- very low drop series regulator element utilizing
current mirrors ;
permit high output impedance and then very low
leakage current error even in power down condi-
Figure 1
L4901A
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com