Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4901 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4901
Description  DUAL 5V REGULATOR WITH RESET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4901 Datasheet(HTML) 2 Page - STMicroelectronics

  L4901 Datasheet HTML 1Page - STMicroelectronics L4901 Datasheet HTML 2Page - STMicroelectronics L4901 Datasheet HTML 3Page - STMicroelectronics L4901 Datasheet HTML 4Page - STMicroelectronics L4901 Datasheet HTML 5Page - STMicroelectronics L4901 Datasheet HTML 6Page - STMicroelectronics L4901 Datasheet HTML 7Page - STMicroelectronics L4901 Datasheet HTML 8Page - STMicroelectronics L4901 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BLOCK DIAGRAM
SCHEMATIC DIAGRAM
PIN DESCRIPTION
N
°
Name
Fun ction
1
Input 1
Low Quiescent Current 400mA Regulator Input.
2
Input 2
400mA regulator input.
3
Timing
Capacitor
If Reg. 2 is switched-ON the delay capacitor is charged with a 10
µA constant current. When Reg.
2 is switched-OFF the delay capacitor is decharged.
4
GND
Common Ground.
5
Reset
Output
When pin 3 reaches 5V the reset output is switched high.
Therefore tRD =Ct (
5V
10
µA
); tRD (ms) = Ct (nF)
6
Output 2
5V – 400mA Regulator Output. Enabled if Vo 1> VRT and VIN 2 >VIT. If Reg. 2 is switched-OFF
the C02 capacitor is discharged.
7
Output 1
5V – 400mA regulator output with Low leakage (in switch-OFF condition).
L4901A
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com